Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSK-RUW Datasheet(PDF) 3 Page - Recom International Power

Part # RSK-RUW
Description  2 Watt SIP8 Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSK-RUW Datasheet(HTML) 3 Page - Recom International Power

  RSK-RUW Datasheet HTML 1Page - Recom International Power RSK-RUW Datasheet HTML 2Page - Recom International Power RSK-RUW Datasheet HTML 3Page - Recom International Power RSK-RUW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.recom-power.com
REV.: 0/2023
ECO-3
Specifications (measured @ t
amb
= 25°C, nom. VIN, full load and after warm-up unless otherwise stated)
RSK-RUW
Series
DC/DC Converter
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
refer to
„Derating Graph“
-40°C to +105°C
Maximum Case Temperature
+115°C
Temperature Coefficient
±0.02%/K
Thermal Impedance
natural convection 0.1m/s
36.0K/W
Operating Altitude
5000m
Operating Humidity
non-condensing
95% RH max.
Pollution Degree
PD2
MTBF
according to
MIL-HDBK-217F, G.B.
VIN= 5VDC
tAMB=
+25°C
3463 x 103 hours
tAMB=
+85°C
749 x 103 hours
VIN= 24VDC
tAMB=
+25°C
3404 x 103 hours
tAMB=
+85°C
1034 x 103 hours
-40
-20
0
20
40
70
85
60
-30
-10
10
30
50
80 90
120
110
100
105
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
Derating Graph
(@ Chamber and natural convection 0.1m/s)
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Audio/Video, information and communication technology equipment -
Part1: Safety requirements 3rd Edition
E491408-A6024-UL
UL62368-1, 3nd Edition, 2019
CAN/CSA-C22.2 No. 62368-1-19 3rd Edition
Audio/Video, information and communication technology equipment -
Part1: Safety requirements 3rd Edition (CB Scheme)
085-220180901-000
IEC62368-1:2018 3rd Edition
EN IEC 62368-1:2020+A11:2020
RoHS2
RoHS 2011/65/EU + AM2015/863
EMC Compliance
Condition
Standard / Criterion
Electromagnetic Compatibility of Multimedia Equipment - Emission
Requirements
with external filter
EN55032, Class B
C
4
C
3
-Vout
+Vout
-Vin
+Vin
C
1
+V
out
+V
in
-V
out
-V
in
CMC1
Component List Class B
C1/C2
CMC1
C3/C4
10µF
11µH
3kV
EMC Filtering Suggestions according to EN55032



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com