Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2240 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # CSC2240
Description  CSA 970 PNP SILICON PLANAR EPITAXIAL TRANSISTORS, CSC 2240 NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2240 Datasheet(HTML) 3 Page - Continental Device India Limited

  CSC2240 Datasheet HTML 1Page - Continental Device India Limited CSC2240 Datasheet HTML 2Page - Continental Device India Limited CSC2240 Datasheet HTML 3Page - Continental Device India Limited CSC2240 Datasheet HTML 4Page - Continental Device India Limited CSC2240 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Continental Device India Limited
Data Sheet
Page 3 of 5
hFE – IC
COMMON
EMITTER
VCE = –6V
Ta = 25°C
5000
3000
1000
500
300
100
50
I
C Collector Current (mA)
–0.1
–0.3 –0.5
–1
–3
–5
–10
–30
–50
Ta = 100°C
25
–25
VCE(sat) – IC
I
C Collector Current (mA)
–0.1
–0.3 –0.5
–1
–3
–50
–30
–10
–5
25
–25
Ta = 100°C
–0.5
–0.3
–0.1
–0.05
–0.03
–0.01
IC /IB = 10
Ta = 25°C
–30
–25
–20
–15
–10
–5
–0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
Base-Emitter Voltage VBE (V)
IC – VBE
COMMON EMITTER
VCE = –6V
Ta = 25°C
CSA970
CSA970
CSC2240



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com