Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2240 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2240
Description  CSA 970 PNP SILICON PLANAR EPITAXIAL TRANSISTORS, CSC 2240 NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2240 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2240 Datasheet HTML 1Page - Continental Device India Limited CSC2240 Datasheet HTML 2Page - Continental Device India Limited CSC2240 Datasheet HTML 3Page - Continental Device India Limited CSC2240 Datasheet HTML 4Page - Continental Device India Limited CSC2240 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 5
CSA 970 PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CSC 2240 NPN SILICON PLANAR EPITAXIAL TRANSISTORS
Low Noise Audio Amplifier
ABSOLUTE MAXIMUM RATINGS
Rating
Rating
Rating
Rating
Rating
Symbol
Symbol
Symbol
Symbol
Symbol
Value
Value
Value
Value
Value
Unit
Unit
Unit
Unit
Unit
Collector Base Voltage
VCBO
120
V
Collector Emitter Voltage
VCEO
120
V
Emitter Base Voltage
VEBO
5V
Collector Current Continuous
IC
100
mA
Emitter Current
IE
100
mA
Power Dissipation
PD
300
mW
Operating and Storage Junction
Tj,Tstg
-55 to +150
°C
Temperature Range
CSA970
CSC2240
1 = EMITTER
2 = COLLECTOR
3 = BASE
1 = EMITTER
2 = COLLECTOR
3 = BASE
DIM
MIN
MAX
A
4,32
5,33
B
4,45
5,20
C
3,18
4,19
D
0,41
0,55
E
0,35
0,50
F
5 DEG
G
1,14
1,40
H
1,14
1,53
K
12,70
L
1.982
2.082
ALL DIMENSIONS IN M.M.
1 2 3
E C
B
TO-92 Plastic Package
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSC2240

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC2229Y CDIL-CSC2229Y Datasheet
88Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTOR
CSC2233 CDIL-CSC2233 Datasheet
56Kb / 3P
NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CSC2233 RECTRON-CSC2233 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
CSC2238 RECTRON-CSC2238 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSC2238 CDIL-CSC2238 Datasheet
277Kb / 3P
TO-220 Plastic Package
More results

Similar Description - CSC2240

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
2SA1511 SANYO-2SA1511 Datasheet
88Kb / 2P
PNP / NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
2N4400 CDIL-2N4400 Datasheet
153Kb / 6P
NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
2SA1420 SANYO-2SA1420 Datasheet
94Kb / 2P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Seme LAB
BUX77A SEME-LAB-BUX77A_09 Datasheet
98Kb / 3P
SILICON PLANAR EPITAXIAL NPN/PNP TRANSISTORS
logo
DONGGUAN YOU FENG WEI E...
MMBT3946DW YFWDIODE-MMBT3946DW Datasheet
636Kb / 6P
NPN / PNP Silicon Epitaxial Planar Transistors
MMBT4413DW YFWDIODE-MMBT4413DW Datasheet
560Kb / 6P
NPN / PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com