Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC79L05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AMC79L05
Description  100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC79L05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AMC79L05 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AMC DOC. #: AMC79L05_D (LF)
AMC79L05
March
2004
100mA / 3-TERMINAL
NEGATIVE VOLTAGE REGULATOR
Copyright
 2002, ADD Microtech Corp.
2
www.addmtek.com
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Voltage
-30V
Operating free-air temperature range, TA
0
OC to 70 OC
Storage temperature range
-65
OC to 150OC
Lead temperature (soldiering, 10 seconds)
260
OC
Note 1:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
THERMAL DATA
LP PACKAGE:
Thermal Resistance-Junction to Ambient,
θ
JA
156
OC/W
DM PACKAGE:
Thermal Resistance-Junction to Ambient,
θ
JA
165
OC/W
Junction Temperature Calculation:
TJ = TA + (PD × θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com