Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC79L05 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMC79L05
Description  100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC79L05 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC79L05 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AMC DOC. #: AMC79L05_D (LF)
March
2004
AMC79L05
100mA / 3-TERMINAL
NEGATIVE VOLTAGE REGULATOR
ADDMICROTECHCORP.
DESCRIPTION
FEATURES
The AMC79L05 is a 3-terminal fixed negative-voltage
designed for a wide range of applications.
This regulator
can provide local on card regulation, eliminating the
distribution problems associated with single point
regulation. In addition, it can be used with power-pass
elements to make high-current voltage regulators with
100mA output current.
Protection features such as thermal shutdown and current
limiting have been designed internally which will protect
the device from damage in case of overload or
overheating.
±5% tolerance of output voltage
Wide input range
Internal thermal overload protection
Output current > 100mA
No External Components
Short circuit protection
Available in 3L plastic TO-92 and
plastic 8 pin S.O.I.C.
Identical pin assignment to earlier
79L05 series.
APPLICATIONS
PACKAGE PIN OUT
3-Pin Plastic TO-92
(Top View)
Logic Systems
Computer Add-On Cards
Modem Cards
Power Suppliers
8-Pin S.O.I.C
Surface Mount
(Top View)
OUTPUT
INPUT
COMMON
OUTPUT
NC
INPUT
INPUT
INPUT
INPUT
NC
COMMON
ORDER INFORMATION
Plastic TO-92
Plastic SO-8
TA (
OC)
LP
3-pin
DM
8-pin
0 to 70
AMC79L05LP
AMC79L05DM
0 to 70
AMC79L05LP(Lead Free)
AMC79L05DM(Lead Free)
Note:
1.All surface-mount and TO-92 packages are available in Tape & Reel.
Append the letter “T” to part
number (i.e. AMC79L05LPT or AMC79L05DMT).
2.For TO-92 in Tape & Box (without reel), add suffix “TB” (i.e. AMC79L05LPTB).
3.The letter ”F” is marked for Lead Free process.
Copyright
 2002, ADD Microtech Corp.
1
www.addmtek.com


Similar Part No. - AMC79L05

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
AMC79L05DM ADDTEK-AMC79L05DM Datasheet
90Kb / 6P
100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
AMC79L05LP ADDTEK-AMC79L05LP Datasheet
90Kb / 6P
100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
More results

Similar Description - AMC79L05

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1905 NTE-NTE1905 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 100mA
NTE1907 NTE-NTE1907 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -18V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
NTE1917 NTE-NTE1917 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 100mA
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
KODENSHI_AUK CORP.
SN79L05 KODENSHI-SN79L05 Datasheet
511Kb / 16P
3 Terminal Negative Voltage Regulator [100mA]
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
3-Terminal 100mA Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com