Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVH160808-R24M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CVH160808-R24M
Description  Multilayer Power Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CVH160808-R24M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CVH160808-R24M Datasheet HTML 1Page - Bourns Electronic Solutions CVH160808-R24M Datasheet HTML 2Page - Bourns Electronic Solutions CVH160808-R24M Datasheet HTML 3Page - Bourns Electronic Solutions CVH160808-R24M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Monolithicconstructionofferinghighreliability
n
Magneticallyshieldedconstructionprovidinglowradiation
n
LowDCresistance
n
Lowprofile
n
RoHScompliant*
CVH160808 Series – Multilayer Power Chip Inductors
*RoHSDirective2015/863,Mar31,2015andAnnex.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificdisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/legal/disclaimer.pdf.
Operating Temperature
..................................-40 °C to +85 °C
(Temperature rise included)
Storage Temperature....-40 °C to +85 °C
Temperature Rise
......................... 40 °C at rated current
Moisture Sensitivity Level.....................1
ESD Classification (HBM).................N/A
Electrical Specifications @ 25 °C
Bourns® Part No.
Inductance
@ 1 MHz / 0.1 V
SRF
(MHz)
DCR
(Ohms)
IDC
(mA)
L (µH)
Tol.
Typ.
±25 %
Typ.
CVH160808-R24M
0.24
±20 %
90
0.100
1200
CVH160808-R47M
0.47
±20 %
70
0.100
1200
CVH160808-1R0M
1.00
±20 %
60
0.200
950
CVH160808-2R2M
2.20
±20 %
50
0.300
750
General Specifications
Core..............................................Ferrite
Terminal....................................Ag/Ni/Sn
Packaging....... 4000 pcs. per 7 inch reel
Materials
Product Dimensions
Recommended Layout
Schematic
Soldering Profile (Lead Free Solder)
Time (Seconds)
25
150
200
217
260
PRE-HEATING
SOLDERING
60~120
SECONDS
60~150
SECONDS
≥30
SECONDS
FERRITE
TERMINAL
ELECTRODE
0.30 ± 0.20
(.012 ± .008)
0.30 ± 0.20
(.012 ± .008)
1.60 ± 0.15
(.063 ± .006)
0.80 ± 0.15
(.031 ± .006)
0.80 ± 0.05
(.031 ± .002)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
0.50 ~ 0.70
(.020 ~ .028)
0.65 ~ 0.95
(.026 ~ .037)
1.80 ~ 2.00
(.071 ~ .079)
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov


Similar Part No. - CVH160808-R24M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CVH160808H BOURNS-CVH160808H Datasheet
737Kb / 5P
Multilayer Power Chip Inductors
10/25
CVH160808H-1R0M BOURNS-CVH160808H-1R0M Datasheet
737Kb / 5P
Multilayer Power Chip Inductors
10/25
CVH160808H-1R5M BOURNS-CVH160808H-1R5M Datasheet
737Kb / 5P
Multilayer Power Chip Inductors
10/25
CVH160808H-2R2M BOURNS-CVH160808H-2R2M Datasheet
737Kb / 5P
Multilayer Power Chip Inductors
10/25
CVH160808H-R24M BOURNS-CVH160808H-R24M Datasheet
737Kb / 5P
Multilayer Power Chip Inductors
10/25
More results

Similar Description - CVH160808-R24M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCPI-XH2520-122 SUMIDA-SCPI-XH2520-122 Datasheet
492Kb / 2P
Multilayer Chip Power Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKP1608D2R2M-T TAIYO-YUDEN-CKP1608D2R2M-T Datasheet
142Kb / 1P
Multilayer Chip Power Inductors
CKP2012N1R5M-T TAIYO-YUDEN-CKP2012N1R5M-T Datasheet
136Kb / 1P
Multilayer Chip Power Inductors
CKP2012NR47M-T TAIYO-YUDEN-CKP2012NR47M-T Datasheet
142Kb / 1P
Multilayer Chip Power Inductors
CKP2520V3R3M-T TAIYO-YUDEN-CKP2520V3R3M-T Datasheet
142Kb / 1P
Multilayer Chip Power Inductors
CKP20161R0M-T TAIYO-YUDEN-CKP20161R0M-T Datasheet
136Kb / 1P
Multilayer Chip Power Inductors
CKP25201R5M-T TAIYO-YUDEN-CKP25201R5M-T Datasheet
142Kb / 1P
Multilayer Chip Power Inductors
CKP25204R7M-T TAIYO-YUDEN-CKP25204R7M-T Datasheet
136Kb / 1P
Multilayer Chip Power Inductors
logo
Bourns Electronic Solut...
CVH201205 BOURNS-CVH201205 Datasheet
509Kb / 4P
Multilayer Power Chip Inductors
CVH201610A BOURNS-CVH201610A Datasheet
509Kb / 4P
Multilayer Power Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com