Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVH160808-R24M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CVH160808-R24M
Description  Multilayer Power Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CVH160808-R24M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CVH160808-R24M Datasheet HTML 1Page - Bourns Electronic Solutions CVH160808-R24M Datasheet HTML 2Page - Bourns Electronic Solutions CVH160808-R24M Datasheet HTML 3Page - Bourns Electronic Solutions CVH160808-R24M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CVH160808 Series – Multilayer Power Chip Inductors
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificdisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/legal/disclaimer.pdf.
CVH160808 Series – Multilayer Power Chip Inductors
L vs. Frequency
Temperature Rise vs. IDC
L vs. IDC
Frequency (MHz)
10.0
1.0
0.1
1
10
100
1000
2R2
1R0
R47
R24
DC current (mA)
70
60
50
40
30
20
10
0
0
300
600
900
1200
1500
2R2
1R0
R24 / R47
TEMPERATURE RISE @ 25 °C AMBIENT
DC current (mA)
10.0
1.0
0.1
1
10
100
1000
2R2
1R0
R47
R24



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com