Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB2040B-LW100-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AB2040B-LW100-R
Description  20mm diameter ceramic piezo bender with 4 kHz resonant frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AB2040B-LW100-R Datasheet(HTML) 3 Page - PUI audio inc.

  AB2040B-LW100-R Datasheet HTML 1Page - PUI audio inc. AB2040B-LW100-R Datasheet HTML 2Page - PUI audio inc. AB2040B-LW100-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B ( 25 : 1 )
Bender
AB2040B
B.C.
S.J.
8/10/2010
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
5/28/2003
Date
Date
5/30/2003
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AB2040B.idw
A3
SIZE
B
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
11/6/2001
A
REVISED TO NEW TEMPLATE
9/4/2003
R.W.
B
ADDED DIMENSION AND TOLERANCES
1/7/2004
R.W.
C
REVISED SPECIFICATIONS
1/12/2004
R.W.
D
REVISED DIMENSION
1/28/2004
R.W.
E
REVISED DIMENSION
8/31/2004
R.W.
F
REVISED CAP. SPEC. FROM 1 KHz TO 100 Hz &
THICKNESS TOL. FROM .02 TO .03
8/8/2005
R.W.
G
REVISED DIMENSION SIZE AND STYLE
12/21/2005
B.R.
H
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
8/11/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RESONANT FREQUENCY
4,000 ± 500
Hz
RESONANT IMPEDANCE (MAX)
350
Ohm
MAX INPUT VOLTAGE
30
Vp-p
CAPACITANCE @ 1kHZ
25,000 ±30%
pF
PLATE MATERIAL
BRASS
-
OPERATING TEMPERATURE
-20 ~ +60
°C
STORAGE TEMPERATURE
-20 ~ +70
°C
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
0.28
`0.05
0.15
`0.03
20
n`0.1
15
n`0.3
13.7
n`0.45



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com