Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB2040B-LW100-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AB2040B-LW100-R
Description  20mm diameter ceramic piezo bender with 4 kHz resonant frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AB2040B-LW100-R Datasheet(HTML) 1 Page - PUI audio inc.

  AB2040B-LW100-R Datasheet HTML 1Page - PUI audio inc. AB2040B-LW100-R Datasheet HTML 2Page - PUI audio inc. AB2040B-LW100-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 7/15.
AB2040B
20mm Piezoelectric
Bender
Product Overview
,
Z

dd>
DK^
3541 Stop Eight Road • Dayton, Ohio 45414
^
^
AB2040B-LW100-R
AB2040S-LW100-R


Similar Part No. - AB2040B-LW100-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AB2040B-LW100-R PUI-AB2040B-LW100-R Datasheet
205Kb / 1P
RELEASED FROM ENGINEERING
logo
PUI audio inc.
AB2040B-LW100-R PUIAUDIO-AB2040B-LW100-R Datasheet
205Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AB2040B-LW100-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AB1560B PUI-AB1560B Datasheet
50Kb / 1P
PIEZO CERAMIC BENDER
AB2025B PUI-AB2025B Datasheet
53Kb / 1P
PIEZO CERAMIC BENDER
AB2720B PUI-AB2720B Datasheet
49Kb / 1P
PIEZO CERAMIC BENDER
AB2726B PUI-AB2726B Datasheet
53Kb / 1P
PIEZO CERAMIC BENDER
AB2734B PUI-AB2734B Datasheet
53Kb / 1P
PIEZO CERAMIC BENDER
AB3528B PUI-AB3528B Datasheet
55Kb / 1P
PIEZO CERAMIC BENDER
AB3529BF PUI-AB3529BF Datasheet
54Kb / 1P
PIEZO CERAMIC BENDER
AB4113B PUI-AB4113B Datasheet
41Kb / 1P
PIEZO CERAMIC BENDER
logo
PUI audio inc.
AB2726B PUIAUDIO-AB2726B Datasheet
416Kb / 3P
27mm diameter ceramic piezo bender with 2,600 Hz resonant frequency
AB2734B PUIAUDIO-AB2734B Datasheet
488Kb / 3P
27mm diameter ceramic piezo bender with 3,400 Hz resonant frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com