Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1038C-R15M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP1038C-R15M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1038C-R15M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP1038C-R15M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1038C-R15M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1038C-R15M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1038C-R15M Datasheet HTML 4Page - Bourns Electronic Solutions SRP1038C-R15M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Shieldedconstruction
n
Metalalloypowdercore
n
Highsaturationcurrent
n
Lowbuzznoise
n
Inductancerange:0.10to47µH
n
RoHScompliant*andhalogenfree**
SRP1038C Series - Shielded Power Inductors
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature (Component)
................................-40 °C to +125 °C
Rated Current
............ Inductance drops 30 % at Isat
Temperature Rise .....40 °C at rated Irms
Moisture Sensitivity Level.....................1
ESD Classification (HBM).................N/A
1 Circuit design, component, PCB trace
size and thickness, airflow and other
cooling provisions all affect the part
temperature. Part temperature should be
verified in the end application.
Electrical Specifications @ 25 °C
General Specifications
Core..........................Metal alloy powder
Wire ............................Enameled copper
Terminal Finish ..............................Sn/Ni
Packaging....... 500 pcs. per 13-inch reel
Materials
Recommended Layout
*RoHSDirective2002/95/ECJan.27,2003including
annexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if
(a)theBromine(Br)contentis900ppmorless;
(b)theChlorine(Cl)contentis900ppmorless;and
(c)thetotalBromine(Br)andChlorine(Cl)content
is1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheir
specificapplications.
Theproductsdescribedhereinandthisdocumentare
subjecttospecificdisclaimersassetforthonthelast
pageofthisdocument,andatwww.bourns.com/legal/
disclaimer.pdf.
Bourns
Part Number
Inductance
@ 100 kHz
/ 1 V
Q
(Min.)
@100
kHz /
1 V
SRF
(MHz)
Typ.
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Typ.
Isat
(A)
Typ.
Terminal
Type
L
(µH)
Tol.
(%)
SRP1038C-R10Y 0.10 30
10
215
0.32
0.38 53.0 85.0
Non-Lead
Frame
SRP1038C-R15M 0.15 20
10
150
0.50
0.60 45.0 80.0
SRP1038C-R20M 0.20 20
10
142
0.80
1.00 40.0 75.0
SRP1038C-R22M 0.22 20
15
142
0.80
1.00 40.0 75.0
SRP1038C-R30M 0.30 20
15
99
1.00
1.20 38.0 70.0
SRP1038C-R33M 0.33 20
15
88
1.00
1.20 38.0 70.0
SRP1038C-R36M 0.36 20
15
88
1.05
1.20 36.0 60.0
SRP1038C-R47M 0.47 20
15
72
1.30
1.50 31.0 48.0
SRP1038C-R68M 0.68 20
15
63
2.30
2.70 24.0 45.0
SRP1038C-1R0M 1.00 20
15
45
3.50
4.00 20.0 39.0
Lead Frame
SRP1038C-1R5M 1.50 20
15
35
4.70
5.30 18.0 35.0
SRP1038C-2R2M 2.20 20
15
27
6.50
7.20 15.0 27.0
SRP1038C-3R3M 3.30 20
15
20
10.80 11.80 14.0 22.0
SRP1038C-4R7M 4.70 20
15
15
14.50 15.50 13.0 20.0
SRP1038C-5R6M 5.60 20
15
13
18.00 19.30 12.0 16.0
SRP1038C-6R8M 6.80 20
15
12
19.00 23.30 10.0 15.0
SRP1038C-8R2M 8.20 20
15
11
20.00 22.50 9.0 13.5
SRP1038C-100M 10.0 20
15
10
29.00 32.00 8.5 12.5
SRP1038C-150M 15.0 20
20
9
40.00 45.00 6.3 10.0
SRP1038C-220M 22.0 20
20
8
62.00 74.00 5.2
7.5
SRP1038C-330M 33.0 20
20
6.5 94.00 112.00 4.0
6.0
SRP1038C-470M 47.0 20
20
6 145.00 167.00 3.2
5.0
220
1906H
Electrical Schematic
13.6
(.535)
11.0±0.5
(.433±.020)
10.0±0.3
(.394±.012)
5.4
(.213)
3.5
(.138)
3.8±0.2
(.150+.008)
100
1516
11.0±0.5
(.433±.020)
10.0±0.3
(.394±.012)
10.0±0.3
(.394±.012)
10.0±0.3
(.394±.012)
R45
1516
3.8±0.2
(.150+.008)
3.0±0.3
(.118±.012)
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
3.0±0.3
(.118±.012)
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov
12.50
(.492)
5.40
(.213)
3.50
(.138)
Product Dimensions
R47
1713H
R68
1713H
10.0 ± 0.30
(.394 ± .012)
11.0 ± 0.30
(.433 ± .012)
10.0 ± 0.30
(.394 ± .012)
10.0 ± 0.30
(.394 ± .012)
11.0 ± 0.30
(.433 ± .012)
10.0 ± 0.30
(.394 ± .012)
3.8 ± 0.20
(.150 ± .008)
3.0 ± 0.30
(.118 ± .012)
2.5 ± 0.30
(.098 ± .012)
2.0 ± 0.30
(.079 ± .012)
2.2 ± 0.30
(.087 ± .012)
0 ~ 0.20
(.0 ~ .008)
0 ~ 0.20
(.0 ~ .008)
3.8 ± 0.20
(.150 ± .008)
2.2 ± 0.30
(.087 ± .012)
2.0 ± 0.20
(.079 ± .008)
Lead Frame
Non-Lead
Frame
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SRP1038C-R15M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1038CC BOURNS-SRP1038CC Datasheet
163Kb / 6P
Shielded Power Inductors
REV. 07/23
SRP1038CC-100M BOURNS-SRP1038CC-100M Datasheet
163Kb / 6P
Shielded Power Inductors
REV. 07/23
SRP1038CC-150M BOURNS-SRP1038CC-150M Datasheet
163Kb / 6P
Shielded Power Inductors
REV. 07/23
SRP1038CC-1R0M BOURNS-SRP1038CC-1R0M Datasheet
163Kb / 6P
Shielded Power Inductors
REV. 07/23
SRP1038CC-1R5M BOURNS-SRP1038CC-1R5M Datasheet
163Kb / 6P
Shielded Power Inductors
REV. 07/23
More results

Similar Description - SRP1038C-R15M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com