Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1038C-R15M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP1038C-R15M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1038C-R15M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP1038C-R15M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1038C-R15M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1038C-R15M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1038C-R15M Datasheet HTML 4Page - Bourns Electronic Solutions SRP1038C-R15M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SRF0504 Series - Line Filter
SRP1038C Series - Shielded Power Inductors
L vs. I Charts
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificdisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/legal/disclaimer.pdf.
0.170
0.136
0.102
0.068
0.034
0
80
64
48
32
16
0
0
18
36
54
72
90
DC Current (A)
SRP1038C-R10Y
0.40
0.32
0.24
0.16
0.08
0
0.80
0.48
0.36
0.24
0.12
0
1.60
1.28
0.96
0.64
0.32
0
5.50
4.40
3.30
2.20
1.10
0
11.00
8.80
6.60
4.40
2.20
0
25
20
15
10
5
0
80
64
48
32
16
0
0.50
0.40
0.30
0.20
0.10
0
0.80
0.64
0.48
0.32
0.16
0
2.50
2.00
1.50
1.00
0.50
0
8.00
6.40
4.80
3.20
1.60
0
15
12
9
6
3
0
40
32
24
16
8
0
0.55
0.44
0.33
0.22
0.11
0
1.20
0.96
0.72
0.48
0.24
0
4.00
3.20
2.40
1.60
0.80
0
10
8
6
4
2
0
16.00
12.80
9.60
6.40
3.20
0
55
44
33
22
11
0
80
64
48
32
16
0
100
80
60
40
20
0
110
88
66
44
22
0
100
80
60
40
20
0
90
72
54
36
18
0
90
72
54
36
18
0
90
72
54
36
18
0
80
64
48
32
16
0
90
72
54
36
18
0
110
88
66
44
22
0
90
72
54
36
18
0
90
72
54
36
18
0
80
64
48
32
16
0
80
64
48
32
16
0
110
88
66
44
22
0
110
88
66
44
22
0
90
72
54
36
18
0
90
72
54
36
18
0
80
64
48
32
16
0
0
16
32
48
64
80
0
16
32
48
64
80
0
16
32
48
64
80
0
16
32
48
64
80
DC Current (A)
DC Current (A)
0
9
18
27
36
45
DC Current (A)
0
5
10
15
20
25
DC Current (A)
0
3.6
7.2
10.8
14.4
18.0
DC Current (A)
0
2.6
5.2
7.8
10.4
13.0
DC Current (A)
0
1.2
2.4
3.6
4.8
6.0
DC Current (A)
DC Current (A)
0
12
24
36
48
60
DC Current (A)
0
8
16
24
32
40
DC Current (A)
0
4.6
9.2
13.8
18.4
23.0
DC Current (A)
0
3.2
6.4
9.6
12.8
16.0
DC Current (A)
0
1.7
3.4
5.1
6.8
8.5
DC Current (A)
DC Current (A)
0
11
22
33
44
55
DC Current (A)
0
7
14
21
28
35
DC Current (A)
0
4
8
12
16
20
DC Current (A)
0
3
6
9
12
15
DC Current (A)
0
1.4
2.8
4.2
5.6
7.0
DC Current (A)
SRP1038C-R22M
SRP1038C-R36M
SRP1038C-1R0M
SRP1038C-3R3M
SRP1038C-6R8M
SRP1038C-150M
SRP1038C-470M
SRP1038C-R30M
SRP1038C-R47M
SRP1038C-R68M
SRP1038C-1R5M
SRP1038C-4R7M
SRP1038C-8R2M
SRP1038C-220M
SRP1038C-R33M
SRP1038C-2R2M
SRP1038C-5R6M
SRP1038C-100M
SRP1038C-330M
0.25
0.20
0.15
0.10
0.05
0
90
72
54
36
18
0
0
18
36
54
72
90
DC Current (A)
SRP1038C-R15M
0.35
0.28
0.21
0.14
0.07
0
80
64
48
32
16
0
0
16
32
48
64
80
DC Current (A)
SRP1038C-R20M
Soldering Profile
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.
How to Order
SRP1038C - 100M
Model
Value Code (see table)
Please consult Bourns® Model SRP-A
Series Visual Inspection Guide for detailed
construction, processing and testing
information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com