Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2777030 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2777030
Description  UDK-RELG 2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2777030 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2777030 Datasheet HTML 1Page - PHOENIX CONTACT 2777030 Datasheet HTML 2Page - PHOENIX CONTACT 2777030 Datasheet HTML 3Page - PHOENIX CONTACT 2777030 Datasheet HTML 4Page - PHOENIX CONTACT 2777030 Datasheet HTML 5Page - PHOENIX CONTACT 2777030 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UDK-RELG 2 Order No.: 2777030
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2777030
PHOENIX CONTACT Inc., USA
Page 3 / 6
http://www.phoenixcon.com
Mar 15, 2010
Accessories
Item
Designation
Description
Assembly
1201442
E/UK
End clamp, for assembly on NS 32 or NS 35/7,5 DIN rail
0201595
FB-150 METER
Cross connection rail, for fixed bridging of identical inputs and
outputs, made of Cu, nickel-plated, 1 m long
3004207
VS
Connection pin, Length: 1000 mm, Color: white
2303608
ZSR
Distance piece, metal, for branches of FB-150, with screw and
thrust washer
Bridges
2820916
DB 50- 90 BK
Wire bridge, Color: black
2821180
DB 50- 90 BU
Wire bridge, Color: blue
2820929
DB 50- 90 GY
Wire bridge, Color: gray
2961066
KB RELG 2
Fixed bridge, for cross connections, with screw, 2-pos.
2961079
KB RELG 3
Fixed bridge, for cross connections, with screw, 3-pos.
2961082
KB RELG 4
Fixed bridge, for cross connections, with screw, 4-pos.
2961095
KB RELG 7
Fixed bridge, for cross connections, with screw, 7-pos.
Plug/Adapter
0201647
RPS
Reducing plug, Color: gray



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com