Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2777030 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2777030
Description  UDK-RELG 2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2777030 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2777030 Datasheet HTML 1Page - PHOENIX CONTACT 2777030 Datasheet HTML 2Page - PHOENIX CONTACT 2777030 Datasheet HTML 3Page - PHOENIX CONTACT 2777030 Datasheet HTML 4Page - PHOENIX CONTACT 2777030 Datasheet HTML 5Page - PHOENIX CONTACT 2777030 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 15, 2010
Extract from the online
catalog
 
UDK-RELG 2
Order No.: 2777030
The illustration shows versions with a different no. of positions
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2777030
 
 
Basic termination blocks with test connection on both sides and double
connections with the same potential for NS 32 and NS 35/7,5 DIN rail,
with end cover, for ST-REL..., ST-OV... and ST-OE... plugs, 2-pos.
 
Commercial data
EAN
4017918068622
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.03598 KG
Catalog page information
Page 95 (IF-2005)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Number of positions
2
Nominal voltage UN
400 V (voltage is determined by the coupling connector.)


Similar Part No. - 2777030

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2777014 PHOENIX-2777014 Datasheet
130Kb / 11P
Feed-through terminal block - UDK 4-TG
2777043 PHOENIX-2777043 Datasheet
67Kb / 3P
Basic terminal block - UDK-RELG 3
2777056 PHOENIX-2777056 Datasheet
246Kb / 5P
UDK-RELG 4
2777069 PHOENIX-2777069 Datasheet
189Kb / 6P
Basic terminal block - UDK-RELG 7
More results

Similar Description - 2777030

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2777043 PHOENIX-2777043 Datasheet
67Kb / 3P
Basic terminal block - UDK-RELG 3
2777056 PHOENIX-2777056 Datasheet
246Kb / 5P
UDK-RELG 4
2777069 PHOENIX-2777069 Datasheet
189Kb / 6P
Basic terminal block - UDK-RELG 7
2829904 PHOENIX-2829904 Datasheet
145Kb / 4P
Basic terminal block - ZFK-RELG 2
2775016 PHOENIX-2775016 Datasheet
142Kb / 7P
UDK 4
2775090 PHOENIX-2775090 Datasheet
142Kb / 7P
UDK 4 BU
2775250 PHOENIX-2775250 Datasheet
104Kb / 4P
UDK 4-DUR 499
2775265 PHOENIX-2775265 Datasheet
103Kb / 2P
UDK 4-MTK
2775375 PHOENIX-2775375 Datasheet
133Kb / 6P
UDK 3
2961066 PHOENIX-2961066 Datasheet
42Kb / 2P
Basic terminal block - KB RELG 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com