Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2777043 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2777043
Description  Basic terminal block - UDK-RELG 3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2777043 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2777043 Datasheet HTML 1Page - PHOENIX CONTACT 2777043 Datasheet HTML 2Page - PHOENIX CONTACT 2777043 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2777043
03/19/2019   Page 1 / 3
Basic terminal block - UDK-RELG 3 - 2777043
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Basic termination blocks with test connection on both sides and double connections with the same potential
for NS 32 and NS 35/7.5 DIN rail, with end cover, for ST-REL..., ST-OV... and ST-OE... plugs, 3-pos.
The figure shows versions with a
different no. of positions
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4017918068639
Technical data
Dimensions
Width
20.8 mm
Height
63.6 mm
Depth
113 mm
General
Number of positions
3
Nominal voltage UN
400 V (voltage is determined by the coupling connector.)
Nominal current IN
16 A (current is determined by the coupling connector.)
Color
gray
Insulating material
PA
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
4 mm²
Conductor cross section AWG min.
24


Similar Part No. - 2777043

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2777014 PHOENIX-2777014 Datasheet
130Kb / 11P
Feed-through terminal block - UDK 4-TG
2777030 PHOENIX-2777030 Datasheet
244Kb / 6P
UDK-RELG 2
2777056 PHOENIX-2777056 Datasheet
246Kb / 5P
UDK-RELG 4
2777069 PHOENIX-2777069 Datasheet
189Kb / 6P
Basic terminal block - UDK-RELG 7
More results

Similar Description - 2777043

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2777030 PHOENIX-2777030 Datasheet
244Kb / 6P
UDK-RELG 2
2777056 PHOENIX-2777056 Datasheet
246Kb / 5P
UDK-RELG 4
2777069 PHOENIX-2777069 Datasheet
189Kb / 6P
Basic terminal block - UDK-RELG 7
2820987 PHOENIX-2820987 Datasheet
52Kb / 3P
Basic terminal block - URELG 3-PMTK RD
2829904 PHOENIX-2829904 Datasheet
145Kb / 4P
Basic terminal block - ZFK-RELG 2
2829917 PHOENIX-2829917 Datasheet
148Kb / 4P
Basic terminal block - ZFK-RELG 3
2829933 PHOENIX-2829933 Datasheet
145Kb / 4P
Basic terminal block - ZFK-RELG 7
2776032 PHOENIX-2776032 Datasheet
64Kb / 4P
Component terminal block - UDK 4-DUR 5K1
2961066 PHOENIX-2961066 Datasheet
42Kb / 2P
Basic terminal block - KB RELG 2
2775456 PHOENIX-2775456 Datasheet
145Kb / 11P
Ground modular terminal block - UDK 3-PE
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com