Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2777043 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2777043
Description  Basic terminal block - UDK-RELG 3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2777043 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2777043 Datasheet HTML 1Page - PHOENIX CONTACT 2777043 Datasheet HTML 2Page - PHOENIX CONTACT 2777043 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2777043
03/19/2019   Page 2 / 3
Basic terminal block - UDK-RELG 3 - 2777043
Technical data
Connection data
Conductor cross section AWG max.
12
Connection method
Screw connection
Stripping length
7 mm
Screw thread
M3
Standards and Regulations
Connection in acc. with standard
CUL
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / EAC / cULus Recognized
Ex Approvals
Approval details
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
 
Nominal voltage UN
300 V
Nominal current IN
15 A
mm²/AWG/kcmil
30-12
cUL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
 
Nominal voltage UN
300 V
Nominal current IN
15 A
mm²/AWG/kcmil
30-12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com