Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2777069 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2777069
Description  Basic terminal block - UDK-RELG 7
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2777069 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2777069 Datasheet HTML 1Page - PHOENIX CONTACT 2777069 Datasheet HTML 2Page - PHOENIX CONTACT 2777069 Datasheet HTML 3Page - PHOENIX CONTACT 2777069 Datasheet HTML 4Page - PHOENIX CONTACT 2777069 Datasheet HTML 5Page - PHOENIX CONTACT 2777069 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/2777069
09/09/2014   Page 1 / 6
Basic terminal block - UDK-RELG 7 - 2777069
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Basic termination blocks with test connection on both sides and double connections with the same potential for
NS 32 and NS 35/7.5 DIN rail, with end cover, for ST-REL..., ST-OV... and ST-OE... plugs, 7-pos.
The illustration shows versions with a
different no. of positions
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
5 pc
GTIN
Weight per Piece (excluding packing)
111.27 GRM
Custom tariff number
85369010
Country of origin
Turkey
Technical data
Dimensions
Width
45.6 mm
Height
63.6 mm
Depth
113 mm
General
Number of positions
7
Nominal voltage UN
400 V (voltage is determined by the coupling connector.)
Nominal current IN
16 A (current is determined by the coupling connector.)
Color
gray
Insulating material
PA
Connection data


Similar Part No. - 2777069

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2777014 PHOENIX-2777014 Datasheet
130Kb / 11P
Feed-through terminal block - UDK 4-TG
2777030 PHOENIX-2777030 Datasheet
244Kb / 6P
UDK-RELG 2
2777043 PHOENIX-2777043 Datasheet
67Kb / 3P
Basic terminal block - UDK-RELG 3
2777056 PHOENIX-2777056 Datasheet
246Kb / 5P
UDK-RELG 4
More results

Similar Description - 2777069

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2777030 PHOENIX-2777030 Datasheet
244Kb / 6P
UDK-RELG 2
2777043 PHOENIX-2777043 Datasheet
67Kb / 3P
Basic terminal block - UDK-RELG 3
2777056 PHOENIX-2777056 Datasheet
246Kb / 5P
UDK-RELG 4
2820725 PHOENIX-2820725 Datasheet
191Kb / 9P
Basic terminal block - URELG 7-PMTK
2820990 PHOENIX-2820990 Datasheet
52Kb / 3P
Basic terminal block - URELG 7-PMTK RD
2829904 PHOENIX-2829904 Datasheet
145Kb / 4P
Basic terminal block - ZFK-RELG 2
2829917 PHOENIX-2829917 Datasheet
148Kb / 4P
Basic terminal block - ZFK-RELG 3
2829933 PHOENIX-2829933 Datasheet
145Kb / 4P
Basic terminal block - ZFK-RELG 7
2776032 PHOENIX-2776032 Datasheet
64Kb / 4P
Component terminal block - UDK 4-DUR 5K1
2961066 PHOENIX-2961066 Datasheet
42Kb / 2P
Basic terminal block - KB RELG 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com