Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2777069 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2777069
Description  Basic terminal block - UDK-RELG 7
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2777069 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2777069 Datasheet HTML 1Page - PHOENIX CONTACT 2777069 Datasheet HTML 2Page - PHOENIX CONTACT 2777069 Datasheet HTML 3Page - PHOENIX CONTACT 2777069 Datasheet HTML 4Page - PHOENIX CONTACT 2777069 Datasheet HTML 5Page - PHOENIX CONTACT 2777069 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/2777069
09/09/2014   Page 2 / 6
Basic terminal block - UDK-RELG 7 - 2777069
Technical data
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Connection method
Screw connection
Stripping length
7 mm
Screw thread
M3
Classifications
eCl@ss
eCl@ss 4.0
27141127
eCl@ss 4.1
27141127
eCl@ss 5.0
27371603
eCl@ss 5.1
27371603
eCl@ss 6.0
27371603
eCl@ss 7.0
27371603
eCl@ss 8.0
27371603
ETIM
ETIM 2.0
EC001456
ETIM 3.0
EC001456
ETIM 4.0
EC001456
ETIM 5.0
EC001456
UNSPSC
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
Approvals
Approvals



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com