Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5804 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SC5804
Description  SMALL-SIGNAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5804 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SC5804 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5804 Datasheet HTML 2Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
 2SC5804 is a super mini package resin sealed
silicon NPN epitaxial transistor,
It is designed for low frequency application.
Since it is a super-thin flat lead type package,a high-density
 mounting are possible.
Complementary with 2SC3052.
FEATURE
●Super-thin flat lead type package. t=0.45mm
●Excellent linearly of DC forward current gain.
●Low collector to emitter saturation voltage
VCE(sat)=0.3V max (@Ic=100mA/IB=10mA)
APPLICATION
For hybrid IC,small type machine low frequency voltage amplify
application.
     
                                       
※ It shows hFE classification in below table.
〈SMALL-SIGNAL TRANSISTOR〉
PRELIMINARY
2SC5804
Notics:This is not a final specification.
FOR LOW FREQUENCY AMPLIFY APPLICATION
Some parametric limits are subject to change.  
SILICON NPN EPITAXIAL TYPE
OUTLINE DRAWING
Unit:mm
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
V
CBO
Collector to Base voltage
50
V
V
CEO
Collector to Emitter voltage
6
V
V
EBO
Emitter to Base voltage
50
V
I
O
Collector current
200
mA
P
c
Collector dissipation
100
mW
T
j
Junction temperature
+125
℃
T
stg
Storage temperature
-55∼+125
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Limits
Min
Typ
Max
Collector to Emitter Breakdown voltage
V(BR)CEO
I
C=100μA, R BE=∞
50
―
―
V
Collector cut off current
ICBO
V
CB=50V, I E=0mA
-
-
0.1
μA
Emitter cut off current
IEBO
V
EB=6V, I C=0mA
-
-
0.1
μA
DC forward current gain
hFE
V
CE=6V, I C=1mA
150
※
800
-
DC forward current gain
hFE
V
CE=6V, I C=0.1mA
90
-
-
-
C to E saturation voltage
VCE(sat)
I
C=100mA, I B=10mA
-
-
0.3
v
Gain bandwidth product
fT
V
CE=6V, I E=-10mA
-
200
-
MHz
Collector output capacitance
Cob
V
CB=6V, I E=0mA,f=1MHz
-
2.5
-
pF
Noise figure
NF
V
CE=6V, I E=-0.1mA,f=1kHz,RG=2kΩ
-
-
15
dB
JEITA:
TERMINAL CONNECTER
①:BASE
②:EMITTER
③:COLLECTOR
0.2
0.8
0.2
①
②
③
ISAHAYA  ELECTRONICS CORPORATION
Item
E
F
G
hFE
150∼300
250∼500
400∼800
Abbrivation
LE
LF
LG


Similar Part No. - 2SC5804

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5800 RENESAS-2SC5800 Datasheet
109Kb / 24P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE
July 2001
2SC5800 RENESAS-2SC5800 Datasheet
274Kb / 8P
NPN SILICON SiGe RF TWIN TRANSISTOR
2004
2SC5800 RENESAS-2SC5800 Datasheet
259Kb / 18P
NPN SILICON RF TWIN TRANSISTOR
2002
2SC5800 RENESAS-2SC5800 Datasheet
328Kb / 19P
NPN SILICON RF TWIN TRANSISTOR
2002
2SC5800 RENESAS-2SC5800 Datasheet
206Kb / 9P
NPN SILICON RF TWIN TRANSISTOR
2003
More results

Similar Description - 2SC5804

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com