Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K35AFS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3K35AFS
Description  MOSFETs Silicon N-Channel MOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K35AFS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3K35AFS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 5Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 6Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 7Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 8Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SSM3K35AFS
3
5.
5.
5.
5. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
5.1.
5.1.
5.1.
5.1. Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Gate leakage current
Drain cut-off current
Drain-source breakdown voltage
Gate threshold voltage
Drain-source on-resistance
Forward transfer admittance
Reverse drain current (pulsed)
(Note 1)
(Note 2)
(Note 2)
(Note 2)
Symbol
IGSS
IDSS
V(BR)DSS
Vth
RDS(ON)
|Yfs|
IDRP
Test Condition
VGS = ±10 V, VDS = 0 V
VDS = 20 V, VGS = 0 V
ID = 1 mA, VGS = 0 V
VDS = 10 V, ID = 100 µA
ID = 150 mA, VGS = 4.5 V
ID = 150 mA, VGS = 2.5 V
ID = 150 mA, VGS = 1.8 V
ID = 20 mA, VGS = 1.5 V
ID = 10 mA, VGS = 1.2 V
ID = 150 mA, VGS = 4.5 V,
Tj = 125 
VDS = 10 V, ID = 150 mA
Min
20
0.35
Typ.
0.75
1.1
1.4
1.7
2.4
1.25
0.5
Max
±1
1
1.0
1.1
1.6
2.4
3.1
9.0
2.5
600
Unit
µA
V
V
Ω
S
mA
Note 1: Let Vth be the voltage applied between gate and source that causes the drain current (ID) to below (100 µA for
this device). Then, for normal switching operation, VGS(ON) must be higher than Vth, and VGS(OFF) must be
lower than Vth. This relationship can be expressed as: VGS(OFF) < Vth < VGS(ON).
Take this into consideration when using the device.
Note 2: Pulse measurement.
5.2.
5.2.
5.2.
5.2. Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Input capacitance
Reverse transfer capacitance
Output capacitance
Switching time (turn-on delay time)
Switching time (rise time)
Switching time (turn-off delay time)
Switching time (fall time)
Symbol
Ciss
Crss
Coss
td(on)
tr
td(off)
tf
Test Condition
VDS = 10 V, VGS = 0 V,
f = 1 MHz
VDD = 10 V, ID = 75 mA,
VGS = 0 to 4.5 V, RG = 10 Ω
Min
Typ.
18
5
6
2
2
6.5
5.5
Max
36
10
12
Unit
pF
ns
5.3.
5.3.
5.3.
5.3. Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Fig.
Fig.
Fig.
Fig. 5.3.1
5.3.1
5.3.1
5.3.1 Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Fig.
Fig.
Fig.
Fig. 5.3.2
5.3.2
5.3.2
5.3.2 Input Waveform/Output Waveform
Input Waveform/Output Waveform
Input Waveform/Output Waveform
Input Waveform/Output Waveform
2017-02-17
Rev.3.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com