Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K35AFS Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # SSM3K35AFS
Description  MOSFETs Silicon N-Channel MOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K35AFS Datasheet(HTML) 6 Page - Toshiba Semiconductor

  SSM3K35AFS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 5Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 6Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 7Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 8Page - Toshiba Semiconductor SSM3K35AFS Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SSM3K35AFS
6
Fig.
Fig.
Fig.
Fig. 7.7
7.7
7.7
7.7 V
V
V
Vth
th
th
th
- T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 7.8
7.8
7.8
7.8 |Y
|Y
|Y
|Yfs
fs
fs
fs
| - I
| - I
| - I
| - ID
D
D
D
Fig.
Fig.
Fig.
Fig. 7.9
7.9
7.9
7.9 IIIIDR
DR
DR
DR
- V
- V
- V
- VDS
DS
DS
DS
Fig.
Fig.
Fig.
Fig. 7.10
7.10
7.10
7.10 C - V
C - V
C - V
C - VDS
DS
DS
DS
Fig.
Fig.
Fig.
Fig. 7.11
7.11
7.11
7.11 t - I
t - I
t - I
t - ID
D
D
D
Fig.
Fig.
Fig.
Fig. 7.12
7.12
7.12
7.12 Dynamic Input Characteristics
Dynamic Input Characteristics
Dynamic Input Characteristics
Dynamic Input Characteristics
2017-02-17
Rev.3.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com