Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79Q021VC Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AM79Q021VC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q021VC Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AM79Q021VC Datasheet HTML 23Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 24Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 25Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 26Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 27Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 28Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 29Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 30Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
SLAC Products
27
Therefore, during this multiplexing, the CD1 bit always
has loop-detect status and the CD1B bit always has
ground-key detect status.
T h i s
multiple xin g
state
c hanges
a l most
instantaneously within the QSLAC device but the SLIC
device may require a slightly longer time period to
respond to this detect state change before its DET
output settles and becomes valid. To accommodate
this delay difference, the internal signals within the
QSLAC device are isolated by 15.625
µs before
allowing any change to the CD1 bit and CD1B bit
latches. This operation is further described by the E1
multiplex timing diagram in Figure 9. In this timing
diagram, the E1 signal represents the actual signal
presented to the E1 output pin. The GK Enable pulse
allows CD1 pin data to be routed through the CD1B
latch. The LD Enable pulse allows CD1 pin data to be
routed through the CD1 latch. The uncertain states of
the SLIC’s DET output, and the masked times where
that DET data is ignored are shown in this timing
diagram. Using this isolation of masked times, the CD1
and CD1B registers are guaranteed to contain
accurate representations of the SLIC detector output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com