Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79Q021VC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AM79Q021VC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q021VC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AM79Q021VC Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 11Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
SLAC Products
9
DCLK
Input
Data Clock. The Data Clock input shifts data into and out of the microprocessor interface of
the QSLAC device. The maximum clock rate is 4.096 MHz.
DIO
Input/Output
Data. Control data is serially written into and read out of the QSLAC device via the DIO pin,
with the most significant bit first. The Data Clock determines the data rate. DIO is high im-
pedance except when data is being transmitted from the QSLAC device.
DRA/DRB
Inputs
PCM Data Receive A/B. The PCM data for channels 1, 2, 3, and 4 is serially received on either
the DRA or DRB port during user-programmed time slots. Data is always received with the
most significant bit first. For compressed signals, 1 byte of data for each channel is received
every 125 µs at the PCLK rate. In the Linear state, two consecutive bytes of data for each
channel are received every 125 µs at the PCLK rate. DRB is not available on all package types.
DXA/DXB
Outputs
PCM Data Transmit. The transmit data from channels 1, 2, 3, and 4 is sent serially out on
either the DXA or DXB port or both ports during user-programmed time slots. Data is always
transmitted with the most significant bit first. The output is available every 125 µs and the
data is shifted out in 8-bit (16-bit in Linear or PCM Signaling state) bursts at the PCLK rate.
DXA and DXB are High impedance between time slots, while the device is in the Inactive
state with no PCM signaling, or while the Cutoff Transmit Path bit (CTP) is on. DXB is not
available on all package types.
FS
Input
Frame Sync. The Frame Sync pulse is an 8 kHz signal that identifies Time Slot 0, Clock Slot
0 of a system’s PCM frame. The QSLAC device references individual time slots with respect
to this input, which must be synchronized to PCLK.
INT
Output
Interrupt. INT is an active Low output signal which is programmable as either TTL compati-
ble or open drain. The
INT output goes Low any time one of the input bits in the Real Time
Data register changes state and is not masked. It also goes Low any time new transmit data
appears if this interrupt is armed.
INT remains Low until the appropriate register is read via
the microprocessor interface, or the QSLAC device receives either a software or hardware
reset. The individual CDxy bits in the Real Time Data register can be masked from causing
an interrupt by using Command 26 of the MPI. The transmit data interrupt must be armed
with a bit in the Operating Conditions register.
MCLK/E1
Input/Output
Master Clock (Input)/Enable CD1 Multiplex (Output). The Master Clock can be a 1.536 MHz,
1.544 MHz, or 2.048 MHz (times 1, 2, or 4) clock for use by the digital signal processor. If the
internal clock is derived from the PCM Clock Input (PCLK), this pin can be used as an E1 out-
put to control Legerity SLICs having multiplexed hookswitch and ground-key detector out-
puts.
PCLK
Input
PCM Clock. The PCM clock determines the rate at which PCM data is serially shifted into or
out of the PCM ports. PCLK is an integer multiple of the frame sync frequency. The maxi-
mum clock frequency is 8.192 MHz and the minimum clock frequency is 128 kHz for dual
PCM highway versions and 256 kHz for single PCM highway versions. The minimum clock
rate must be doubled if Linear state or PCM signaling is used. PCLK frequencies between
1.03 MHz and 1.53 MHz are not allowed. Optionally, the digital signal processor clock can
be derived from PCLK rather than MCLK.
RST
Input
Reset. A logic Low signal at this pin resets the QSLAC device to its default state. The RST
pin may be tied to VCCD if it is not needed in the system.
TSCA,
TSCB
Outputs
Time Slot Control. The Time Slot Control outputs are open drain outputs (requiring pull-up
resistors to VCCD) and are normally inactive (High impedance).
TSCA or TSCB is active
(Low) when PCM data is transmitted on the DXA or DXB pin respectively.
VIN1–VIN4
Inputs
Analog. The analog voice band signal is applied to the VIN input of the QSLAC device. The
VIN input is biased at VREF by a large internal resistor. The audio signal is sampled, digitally
processed and encoded, and then made available at the TTL-compatible PCM output (DXA
or DXB). If the digitizer saturates in the positive or negative direction, VIN is pulled by a re-
duced resistance toward AGND or VCCD, respectively. VIN1 is the input for channel 1, VIN2
is the input for channel 2, VIN3 is the input for channel 3, and VIN4 is the input for channel 4.
Pin Names
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com