Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR01232MS-SC12-WP-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AR01232MS-SC12-WP-R
Description  Custom-molded poly cone designed for voice articulation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AR01232MS-SC12-WP-R Datasheet(HTML) 3 Page - PUI audio inc.

  AR01232MS-SC12-WP-R Datasheet HTML 1Page - PUI audio inc. AR01232MS-SC12-WP-R Datasheet HTML 2Page - PUI audio inc. AR01232MS-SC12-WP-R Datasheet HTML 3Page - PUI audio inc. AR01232MS-SC12-WP-R Datasheet HTML 4Page - PUI audio inc. AR01232MS-SC12-WP-R Datasheet HTML 5Page - PUI audio inc. AR01232MS-SC12-WP-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Frequency Response (measured at 800 mV in Type 3.2HL Ear)
Frequency (Hz)
Lower limit (dB)
Frequency (Hz)
Upper limit (dB)
200
94
200
105
400
103
400
115
600
108
600
116
900
112
900
119
1000
114
1000
120
1180
115
1180
121
1650
124
1500
130
2000
115
1800
130
2500
110
2500
120
3500
109
3500
119
5000
100
5000
110
6000
95
6000
104
7000
94
7000
104



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com