Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR01232MS-SC12-WP-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AR01232MS-SC12-WP-R
Description  Custom-molded poly cone designed for voice articulation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AR01232MS-SC12-WP-R Datasheet(HTML) 1 Page - PUI audio inc.

  AR01232MS-SC12-WP-R Datasheet HTML 1Page - PUI audio inc. AR01232MS-SC12-WP-R Datasheet HTML 2Page - PUI audio inc. AR01232MS-SC12-WP-R Datasheet HTML 3Page - PUI audio inc. AR01232MS-SC12-WP-R Datasheet HTML 4Page - PUI audio inc. AR01232MS-SC12-WP-R Datasheet HTML 5Page - PUI audio inc. AR01232MS-SC12-WP-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AR01232MS-SC12-WP-R
PUI Audio’s Mobile Series line of speakers and receivers is designed for cutting-
edge applications such as smart watches and pendants, Wi-Fi enabled security
devices and action cameras, mobile radios and smart phones, as well as IoT
devices. Each Mobile Series product features an IP67-rated face for protection
against dust and water ingress.
The 32 ohm 12mm x 6mm AR01232MS-SC12-WP-R receiver is designed for
high fidelity audio reproduction in near-phone and headphone applications.
Spring contacts and a 2mm thickness make mounting easy, even in the thinnest
applications.
Features:
Custom-molded poly cone designed for voice articulation
High 116 dB output with 800mV in Artificial Ear (1cm)
High energy neodymium motor
Only 2 mm thick
Dustproof and waterproof IP67-rated face
Specifications
Parameters
Values
Units
Rated Input Power
20
mWatts
Max Input Power
30
mWatts
Impedance
32 ± 15%
Ohms
Sensitivity (SPL @ 1kHz)
800mV in Type 3.2 HL Ear
116 ± 3
dB Pa/V
Resonant Frequency
(800mV in free air)
450 ± 20%
Hz
Frequency Range
300 ~ 7,000
Hz
Frame Material
PPA
-
Magnet Material
NdFeB
-
Weight
0.4
Grams
Environmental Protection Rating
IP67
-


Similar Part No. - AR01232MS-SC12-WP-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR01 ETC-AR01 Datasheet
1Mb / 2P
HIGH PRECISION CHIP RESISTORS
logo
ON Semiconductor
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0130CS ONSEMI-AR0130CS Datasheet
1Mb / 49P
1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
AR0130CS ONSEMI-AR0130CS Datasheet
389Kb / 39P
1/3?릋nch CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0130CS ONSEMI-AR0130CS Datasheet
445Kb / 40P
1/3‐inch CMOS Digital Image Sensor
January, 2019 - Rev. 15
More results

Similar Description - AR01232MS-SC12-WP-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS01A VISHAY-RS01A Datasheet
101Kb / 3P
Fast Acting, Molded Styles Custom Designed For Your Application
02-Aug-07
logo
KODENSHI_AUK CORP.
SG405 KODENSHI-SG405 Datasheet
156Kb / 3P
Custom designed actuator is available
logo
Laird Tech Smart Techno...
BTM510 LSTD-BTM510 Datasheet
1Mb / 23P
modules designed for adding robust audio and voice capabilities
logo
List of Unclassifed Man...
PC83-8 ETC2-PC83-8 Datasheet
338Kb / 1P
3 Full-Range Poly Cone Driver
logo
PUI audio inc.
AR01532MS-SC15-WP-R PUIAUDIO-AR01532MS-SC15-WP-R Datasheet
755Kb / 6P
Custom-molded poly cone designed for voice articulation
AS03104MR-N50-R PUIAUDIO-AS03104MR-N50-R Datasheet
655Kb / 5P
Silver poly cone and foam surround
AS03604MR-N50-R PUIAUDIO-AS03604MR-N50-R Datasheet
806Kb / 5P
Black poly cone and rubber surround
AS04004MR-N50-R PUIAUDIO-AS04004MR-N50-R Datasheet
616Kb / 5P
Silver poly cone and rubber surround
AS04004MR-N50-WP-R PUIAUDIO-AS04004MR-N50-WP-R Datasheet
397Kb / 6P
Silver poly cone and rubber surround
logo
Vishay Siliconix
RS VISHAY-RS Datasheet
79Kb / 3P
RS Style Wirewound Fuse Resistor
08-Jul-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com