Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR01532MS-SC15-WP-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AR01532MS-SC15-WP-R
Description  Custom-molded poly cone designed for voice articulation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AR01532MS-SC15-WP-R Datasheet(HTML) 3 Page - PUI audio inc.

  AR01532MS-SC15-WP-R Datasheet HTML 1Page - PUI audio inc. AR01532MS-SC15-WP-R Datasheet HTML 2Page - PUI audio inc. AR01532MS-SC15-WP-R Datasheet HTML 3Page - PUI audio inc. AR01532MS-SC15-WP-R Datasheet HTML 4Page - PUI audio inc. AR01532MS-SC15-WP-R Datasheet HTML 5Page - PUI audio inc. AR01532MS-SC15-WP-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Frequency Response (measured at 179 mV in Type 3.2HL Ear)
Frequency (Hz)
Lower limit (dB)
Upper Limit (dB)
200
111
123
300
112
124
500
111
123
600
110
122
800
106
118
1000
105
111
1500
97
109
2000
94
106
3000
91
103
4000
88
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com