Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR01532MS-SC15-WP-R Datasheet(PDF) 4 Page - PUI audio inc.

Part # AR01532MS-SC15-WP-R
Description  Custom-molded poly cone designed for voice articulation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AR01532MS-SC15-WP-R Datasheet(HTML) 4 Page - PUI audio inc.

  AR01532MS-SC15-WP-R Datasheet HTML 1Page - PUI audio inc. AR01532MS-SC15-WP-R Datasheet HTML 2Page - PUI audio inc. AR01532MS-SC15-WP-R Datasheet HTML 3Page - PUI audio inc. AR01532MS-SC15-WP-R Datasheet HTML 4Page - PUI audio inc. AR01532MS-SC15-WP-R Datasheet HTML 5Page - PUI audio inc. AR01532MS-SC15-WP-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Impedance Response (measured at 179 mV in Type 3.2HL Ear)
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at +80°C ± 3°C followed by three hours in
normal room temperature
Low Temperature Test
96 hours at -40°C ± 3°C followed by three hours in
normal room temperature
Humidity Test
96 hours at +40°C ± 3°C with relative humidity at
95% followed by 3 hours in normal room
temperature
Temperature Cycle Testing
The part shall be subjected to 5 cycles using the
following procedure:
Low temperature: -40℃±3℃
High temperature:+80℃±3℃
Cycle: 1 hour/cycle each
Vibration Test
10 to 55 to 10 Hz sine sweep, 15 minutes per cycle
@ 5G constant.
2 hours in each axis X, Y, and Z.
Drop Test
Drop the speakers onto a 20mm thick board 10
times from a height of 100cm, once each side
Load Test and Max Power Test
White noise is applied at the speakers rated power
for 96 hours at room temperature; max power is
applied for 1 minute on, 2 minutes off; 10 cycles.
After each test, the speaker’s SPL shall be ±3 dB of the original SPL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com