Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMP232M2N2 Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMP232M2N2
Description  Power Mini SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMP232M2N2 Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMP232M2N2 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VLMP232M2N2
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 22-May-2019
3
Document Number: 81345
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Relative Intensity vs. Wavelength
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Intensity vs. Forward Current
Fig. 6 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 7 - Change of Dominant Wavelength vs. Ambient Temperature
Fig. 8 - Change of Forward Voltage vs. Ambient Temperature
500
520
540
560
580
0
0.2
0.4
0.6
0.8
1.2
600
95 10325_1
1.0
pure green
λ - Wavelength (nm)
1
10
100
V
F- Forward Voltage (V)
20150_1
1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6
0.01
0.1
1
10
1
10
100
I
F - Forward Current ( mA )
pure green
20136
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18616
Pure green
- 8
- 6
- 4
- 2
0
2
4
6
8
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18617
pure green
-300
-200
-100
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18615
10 mA
30 mA
50 mA
Pure green



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com