Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMP232M2N2 Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMP232M2N2
Description  Power Mini SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMP232M2N2 Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMP232M2N2 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMP232M2N2 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VLMP232M2N2
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 22-May-2019
2
Document Number: 81345
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmax./IVmin.
≤ 2.0
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, single wavelength groups will not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMP232M2N2, PURE GREEN
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX
UNIT
Luminous intensity (1)
IF = 30 mA
IV
22.4
-
45
mcd
Dominant wavelength
IF = 30 mA
λd
555
558
565
nm
Peak wavelength
IF = 30 mA
λp
-
555
-
nm
Angle of half intensity
IF = 30 mA
ϕ
-± 60
-
°
Forward voltage
IF = 30 mA
VF
-2.2
2.6
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15
-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
M
118
22.4
2
22.4
28
N
128
35.5
2
35.5
45
P
145
56
256
71
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (nm)
PURE GREEN
MIN.
MAX.
0
555
559
1
558
561
2
560
563
3
562
565
T
amb - Ambient Temperature (°C)
20151_1
0
5
10
15
20
25
30
35
40
45
0
2040
6080
100
0.4
0.2
0
95 10319_1
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com