Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2502SQ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2502SQ
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502SQ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2502SQ Datasheet HTML 4Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 5Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 6Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 7Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 8Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 9Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 10Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 11Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Switching Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER UP TIMING(Note 5)
MPL POWER OFF TIMING
t
PAZ
Disable Time to Power
Down
Figure 7, This parameter is functionally
tested by the I
DDZ parameter. (Note 6)
50
ms
Recommended Input Timing Requirements
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MASTER REFERENCE CLOCK (CLK)
f
CLK
Clock Frequency
See Table 10
(Note 5)
3
25
MHz
t
CP
Clock Period
40
333
ns
CLK
DC
Clock Duty Cycle
40
50
60
%
t
T
Clock Transition Times
(Rise or Fall, 20%–80%)
114
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VDDIO = 1.8V and VDD = VDDA = 3.0V and TA = 25˚C.
Note 3: Current into a device pin is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to Ground unless otherwise
specified.
Note 4: UFBGA assumes 4 layer PCB, LLP assumes 2 layer PCB for thermal calculations.
Note 5: This parameter is Guaranteed by Design (GBD) based on simulation or bench characterization.
Note 6: This parameter is guaranteed by a ATE tester delay, actual turn off time is faster.
Note 7: Typical supply condition is VDDIO = 1.8V and VDD =VDDA = 3.0V, Maximum supply condition is VDDIO =VDD =VDDA = 3.3V for the IDD parameter.
Timing Diagrams
20093316
FIGURE 1. Serial Data Valid — Master to Slave
20093318
FIGURE 2. Slave Output Rise and Fall Time
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com