Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2502SQ Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2502SQ
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502SQ Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2502SQ Datasheet HTML 12Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 13Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 14Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 15Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 16Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 17Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 18Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 19Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Functional Description (Continued)
TABLE 5. WRITE — MOT 6800 µP Interface Parameters
No.
Parameter
Min
Typ
Max
Units
T1
MasterIN
Data Setup Time before ChipSelect*
Low-High (or E High-Low)
5ns
T2
MasterIN
Data Hold after ChipSelect*
Low-High (or E High-Low)
5ns
T3
MasterIN
ChipSelect* Recovery Time, (Note 5)
6
MC Cycles
T4
Master
Master Latency
5
MC Cycles
T5
Slave
Slave Latency
9
MC Cycles
T6
SlaveOUT
Data Valid before ChipSelect* High-Low
1
MC Cycles
T7
SlaveOUT
ChipSelect* Low Pulse Width
3
MC Cycles
T8
SlaveOUT
Data Valid before ChipSelect* Low-High
4
MC Cycles
T9
SlaveOUT
Data Valid after ChipSelect* Low-High
1
MC Cycles
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com