Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1744CPW Datasheet(PDF) 13 Page - Microsemi Corporation

Part # LX1744CPW
Description  Dual Output Boost - LED Driver / LCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1744CPW Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button LX1744CPW Datasheet HTML 8Page - Microsemi Corporation LX1744CPW Datasheet HTML 9Page - Microsemi Corporation LX1744CPW Datasheet HTML 10Page - Microsemi Corporation LX1744CPW Datasheet HTML 11Page - Microsemi Corporation LX1744CPW Datasheet HTML 12Page - Microsemi Corporation LX1744CPW Datasheet HTML 13Page - Microsemi Corporation LX1744CPW Datasheet HTML 14Page - Microsemi Corporation LX1744CPW Datasheet HTML 15Page - Microsemi Corporation LX1744CPW Datasheet HTML 16Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LX1744
PRODUCTION DATASHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 13
Dual Output Boost – LED Driver / LCD Bias
I N T E GR A T ED
PRODUCT S
Copyright
© 2000
Rev. 1.1b, 2005-03-01
EVALUATI ON BOA RD
L1
47.0uH
+
C1
4.7uF
6.3V
C3
1000pF
R1
1M
R2
72K
J3
1
2
CR1
UPS5819
+
C6
spare
C8
1uF
CR3
UPS5819
+
C5
spare
CR4
C9
1uF
-VLCD
1
R11
10K
R12
10K
VIN
C10
.1uF
Q1
FDV303N
J3
R9
100K
+
C11
2.2uF
16V
LED1
LED2
LED3
LED4
C12
.1uF
R5
15
BRT
1
R8
R10
100K
R7
test
points
test
points
+
C2
4.7uF
35V
Vin
1
GND
1
/SHDN
1
ADJ
1
VOUT
1
/LSHDN
1
GND2
1
L2
47.0uH
CR2
UPS5819
R3
1M
R6
72K
C4
1000pF
+
C7
4.7uF
35V
U1 LX1744TSSOP
FB
3
DRV
12
ADJ
4
IN
6
SRC
13
OVP
10
REF
5
SW
1
LFB
9
BRT
8
/SHDN
2
/LSHDN
7
CS
11
VLCD
1
R4
1K
LFB
1
DRV
1
Figure 10 –
LX1744EVAL Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com