Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1744CPW Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1744CPW
Description  Dual Output Boost - LED Driver / LCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1744CPW Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1744CPW Datasheet HTML 1Page - Microsemi Corporation LX1744CPW Datasheet HTML 2Page - Microsemi Corporation LX1744CPW Datasheet HTML 3Page - Microsemi Corporation LX1744CPW Datasheet HTML 4Page - Microsemi Corporation LX1744CPW Datasheet HTML 5Page - Microsemi Corporation LX1744CPW Datasheet HTML 6Page - Microsemi Corporation LX1744CPW Datasheet HTML 7Page - Microsemi Corporation LX1744CPW Datasheet HTML 8Page - Microsemi Corporation LX1744CPW Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LX1744
PRODUCTION DATASHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Dual Output Boost – LED Driver / LCD Bias
I N T E GR A T ED
PRODUCT S
Copyright
© 2000
Rev. 1.1b, 2005-03-01
ABSOLUTE MAXI MUM RATI NGS
Supply Input Voltage ...........................................................................-0.3V to 7V
Feedback Input Voltage (VFB, VLFB).......................................-0.3V to VIN + 0.3V
Shutdown Input Voltage (VSHDN , VLSHDN)) ...........................-0.3V to VIN + 0.3V
PWM Input Amplitude (ADJ, BRT).......................................-0.3V to VIN + 0.3V
Analog Adjust Input Voltage (VADJ, VBRT).............................-0.3V to VIN + 0.3V
SRC Input Current ................................................................................ 800mARMS
Operating Temperature Range .........................................................-40
°C to 85°C
Maximum Operating Junction Temperature ................................................ 150
°C
Storage Temperature Range...........................................................-65
°C to 150°C
RoHS Peak Package Solder Reflow Temperature
(40 second maximum exposure) ..................................................... 260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERM A L DATA
LQ Plastic MLPQ 16-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
31
°C/W
PW Plastic TSSOP 14-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
90
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PI N OUT
LSHDN
REF
IN
FB
CS
ADJ
SW
DRV
SRC
OVP
BRT
GND
LFB
1
2
6
5
9
11
14
13
3
4
78
12
10
SHDN
PW PACKAGE
(Top View)
1
2
3
4
56
7
8
9
10
11
12
13
14
15
16
SW
SHDN1
FB
ADJ
LFB
OVP
CS
DRV
LQ PACKAGE
(Bottom View)
(“N.C.” = No Internal Connection)
RoHS / Pb-free 100% Matte Tin Lead Finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com