Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AL008D70BAI011 Datasheet(PDF) 48 Page - SPANSION

Part # S29AL008D70BAI011
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D70BAI011 Datasheet(HTML) 48 Page - SPANSION

Back Button S29AL008D70BAI011 Datasheet HTML 44Page - SPANSION S29AL008D70BAI011 Datasheet HTML 45Page - SPANSION S29AL008D70BAI011 Datasheet HTML 46Page - SPANSION S29AL008D70BAI011 Datasheet HTML 47Page - SPANSION S29AL008D70BAI011 Datasheet HTML 48Page - SPANSION S29AL008D70BAI011 Datasheet HTML 49Page - SPANSION S29AL008D70BAI011 Datasheet HTML 50Page - SPANSION S29AL008D70BAI011 Datasheet HTML 51Page - SPANSION S29AL008D70BAI011 Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
48
S29AL008D
S29AL008D_00A3 June 16, 2005
Da t a
S h ee t
AC Characteristics
Notes:
1. Not 100% tested.
2. See Table , on page 49 for more information.
Table 12. Alternate CE# Controlled Erase/Program Operations
Parameter
Speed Options
JEDEC
Std
Description
55
70
90
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
55
70
90
ns
tAVEL
tAS
Address Setup Time
0
tELAX
tAH
Address Hold Time
45
tDVEH
tDS
Data Setup Time
35
35
45
tEHDX
tDH
Data Hold Time
0
tOES
Output Enable Setup Time
0
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
0
tWLEL
tWS
WE# Setup Time
0
tEHWH
tWH
WE# Hold Time
0
tELEH
tCP
CE# Pulse Width
35
tEHEL
tCPH
CE# Pulse Width High
30
tWHWH1
tWHWH1
Programming Operation
(Note 2)
Byte
Typ
8
µs
Word
16
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
1
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com