Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AL008D70BAI011 Datasheet(PDF) 15 Page - SPANSION

Part # S29AL008D70BAI011
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D70BAI011 Datasheet(HTML) 15 Page - SPANSION

Back Button S29AL008D70BAI011 Datasheet HTML 11Page - SPANSION S29AL008D70BAI011 Datasheet HTML 12Page - SPANSION S29AL008D70BAI011 Datasheet HTML 13Page - SPANSION S29AL008D70BAI011 Datasheet HTML 14Page - SPANSION S29AL008D70BAI011 Datasheet HTML 15Page - SPANSION S29AL008D70BAI011 Datasheet HTML 16Page - SPANSION S29AL008D70BAI011 Datasheet HTML 17Page - SPANSION S29AL008D70BAI011 Datasheet HTML 18Page - SPANSION S29AL008D70BAI011 Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
June 16, 2005 S29AL008D_00A3
S29AL008D
15
Da t a
S h ee t
Note for Tables and : Address range is A18:A-1 in byte mode and A18:A0 in word mode. See Word/Byte Configura-
tion, on page 11.
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector
protection verification, through identifier codes output on DQ7–DQ0. This mode
is primarily intended for programming equipment to automatically match a device
to be programmed with its corresponding programming algorithm. However, the
autoselect codes can also be accessed in-system through the command register.
When using programming equipment, the autoselect mode requires VID (11.5 V
to 12.5 V) on address pin A9. Address pins A6, A1, and A0 must be as shown in
Table 4, on page 16. In addition, when verifying sector protection, the sector ad-
dress must appear on the appropriate highest order address bits (see Table 2, on
page 14 and Table 3, on page 15). Table 4, on page 16 shows the remaining ad-
dress bits that are don’t care. When all necessary bits are set as required, the
programming equipment may then read the corresponding identifier code on
DQ7–DQ0.
To access the autoselect codes in-system, the host system can issue the autose-
lect command via the command register, as shown in Table 5, on page 25. This
method does not require VID. See Command Definitions, on page 19 for details
on using the autoselect mode.
Table 3. S29AL008D Bottom Boot Block Sector Addresses
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0
0
0
0
0
0
X
16/8
00000h–03FFFh
00000h–01FFFh
SA1
0
0
0
0
0
1
0
8/4
04000h–05FFFh
02000h–02FFFh
SA2
0
0
0
0
0
1
1
8/4
06000h–07FFFh
03000h–03FFFh
SA3
0
0
0
0
1
X
X
32/16
08000h–0FFFFh
04000h–07FFFh
SA4
0
0
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA5
0
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA6
0
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA7
0
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA8
0
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA9
0
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA10
0
1
1
1
X
X
X
64/32
70000h–7FFFFh
38000h–3FFFFh
SA11
1
0
0
0
X
X
X
64/32
80000h–8FFFFh
40000h–47FFFh
SA12
1
0
0
1
X
X
X
64/32
90000h–9FFFFh
48000h–4FFFFh
SA13
1
0
1
0
X
X
X
64/32
A0000h–AFFFFh
50000h–57FFFh
SA14
1
0
1
1
X
X
X
64/32
B0000h–BFFFFh
58000h–5FFFFh
SA15
1
1
0
0
X
X
X
64/32
C0000h–CFFFFh
60000h–67FFFh
SA16
1
1
0
1
X
X
X
64/32
D0000h–DFFFFh
68000h–6FFFFh
SA17
1
1
1
0
X
X
X
64/32
E0000h–EFFFFh
70000h–77FFFh
SA18
1
1
1
1
X
X
X
64/32
F0000h–FFFFFh
78000h–7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com