Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL8331 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL8331
Description  Power Meter Solutions ??Product series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL8331 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL8331 Datasheet HTML 1Page - Prolific Technology Inc. PL8331 Datasheet HTML 2Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technologies for Tomorrow
Power Meter Solutions – Product series
PL8331
Please visit our website
www.prolific.com.tw
for our comprehensive product
line.
PROLIFIC TECHNOLOGIES INC.
Technologies for Tomorrow
Tel: 886-3-578-2011. Ext- 3637
Fax: 886-3-578-2022
E-mail: ranjit-dash@prolific.com.tw
Prolific Technologies Inc.
No.10-2, Li Hsing First Road,
Science-Based Park,
PROLIFIC
TECHNOLOGIES INC.
The PL8331 series of ultralow power mixed-signal
processors consist of several devices featuring
different sets of peripherals targeted for energy
meter applications. They integrate analog front
end and fixed function DSP solution with an en-
hanced 8052 MCU core, RTC and LCD driver in a
single part. The measurement core includes ac-
tive, reactive, apparent energy calculations, volt-
age, current RMS, and frequency measurements.
This information can be used as energy billing and
any necessary application. Also included is a built-
in 16-bit timer, LCD segment drive capability and
hardware multiplier.
The PL8331 integrates three PGAs with gain set-
tings from 1x to 32x. Three 24-bit sigma-deltas A/
D converters guarantee precision in captured data
and enough needed resolution.
The microprocessor functionality includes a single
-cycle 8052 core, a real-time clock, 2UARTs, and
an SPI, I
2C and JTAG interface. It reduces the
program memory size requirement and makes it
easy to integrate complicated designs.
The programming is very easy and supports differ-
ent (= multiple) ways. (SPI or JTAG)
No external voltage is needed for programming.
Prolific PL8331


Similar Part No. - PL8331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL8331 ETC2-PL8331 Datasheet
418Kb / 2P
Multi mode power saving function
More results

Similar Description - PL8331

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9536-01 HAMAMATSU-C9536-01 Datasheet
155Kb / 2P
UV POWER METER
logo
ASM GmbH
3664 ASM-SENSOR-3664 Datasheet
1Mb / 4P
OPTICAL POWER METER
logo
Keysight Technologies
N432A KEYSIGHT-N432A Datasheet
1Mb / 11P
Thermistor Power Meter
5989-8853EN KEYSIGHT-5989-8853EN Datasheet
2Mb / 37P
A guide to power product solutions to match your test and measurement needs
logo
ASM GmbH
PW3335 ASM-SENSOR-PW3335 Datasheet
1,004Kb / 12P
POWER METER
logo
Schneider Electric
METSEPM3200 SCHNEIDER-METSEPM3200 Datasheet
136Kb / 3P
PM3200 power meter
May 21, 2020
logo
B&K Precision Corporati...
5335B BK-5335B Datasheet
1Mb / 6P
Power Meter
logo
ITECH ELECTRONIC CO.,LT...
IT9121E ITECH-IT9121E Datasheet
1Mb / 4P
Power Meter
logo
Siemens Semiconductor G...
PAC3100 SIEMENS-PAC3100 Datasheet
243Kb / 8P
Power Meter
PAC4200 SIEMENS-PAC4200 Datasheet
292Kb / 8P
Power Meter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com