Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL8331 Datasheet(PDF) 2 Page - Prolific Technology Inc.

Part # PL8331
Description  Power Meter Solutions ??Product series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL8331 Datasheet(HTML) 2 Page - Prolific Technology Inc.

  PL8331 Datasheet HTML 1Page - Prolific Technology Inc. PL8331 Datasheet HTML 2Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prolific Technologies Inc.
No.10-2, Li Hsing First Road,
Science-Based Park,
Hsin-Chu City, 300
Tel: 886-3-578-2011. Ext- 3637
Fax: 886-3-578-2022
E-mail: ranjit-dash@prolific.com.tw
PROLIFIC
TECHNOLOGIES INC.
PL8331
MICROPROCESSOR FEATURES
8052-based core
Single-cycle 8MIPS (Peak)
32.768 kHz external crystal with built in PLL
Accurate RTC for time-of-use functions
H/W watchdog timer (WDT)
External interrupt sources
SPI / I2C interface for
EEPROM
IrDa/UART/IR I/F for AMR
Flash security
16-Bit timer
Wake-up from I/O, temperature change, or UART
64kB flash memory, 2k bytes RAM
Supply voltage supervisor/monitor with built in SAR ADC
Serial on board programming/debugging
ENERGY MEASUREMENT FEATURES
Exceeds IEC62053 / ANSI C12.20 standards
Digital signal processing (DSP) provide high accuracy
active (Watt), reactive (VAR), and apparent energy (VA)
measurement
< 0.1% Error on active energy over a Dynamic Range of
2000 to 1 @25℃
Line voltage and frequency measurements
Phase compensation
GENERAL FEATURES
Wide supply voltage range: 2.4V to 5V
Ultralow power consumption
Normal mode:
Total: 2.2mA @ 3V
Sleep Mode: 3uA
RTC only: 1.1uA
Multi mode power saving function
Internal switch between regulated and battery inputs
Compatible with CTs, resistive shunts and Rogowski
Coil sensors
Digital temperature compensation
Wake-up from standby mode in less than 5us
Reference: 1.2V (20ppm/℃)
Operation temperature range: -40℃ to +85℃
64-LQFP(7x7) package
ADC FEATURES
Three second-order, 24-bit, delta-sigma Analog-to-
Digital Converters
Three differential input PGA front ADC
(Gain=1,2,4,8,16,24,32)
10 bit SAR ADC with temperature sensor
LCD FEATURES
Up to 4x25 segment
Technologies
for Tomorrow



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com