Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT5607 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT5607
Description  600V Half-bridge driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT5607 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT5607 Datasheet HTML 1Page - Princeton Technology Corp PT5607 Datasheet HTML 2Page - Princeton Technology Corp PT5607 Datasheet HTML 3Page - Princeton Technology Corp PT5607 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT5607
VER 1.0
3
August 2018
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT5607
8-Pin, SOP, 150 MIL
PT5607-S
PIN CONFIGURATION
COM
LIN
HIN
VCC
LO
VS
HO
VB
1
2
3
4
8
7
6
5
SOP8
PIN DESCRIPTION
Pin Name
Description
Pin No.
VCC
Low-side supply voltage
1
HIN
Logic input for high-side gate driver output(HO), in phase
2
LIN
Logic input for low-side gate driver output(LO), in phase
3
COM
Low-side gate drive return
4
LO
Low-side driver output
5
VS
High voltage floating supply return
6
HO
High-side driver output
7
VB
High-side gate drive floating supply
8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com