Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT5607 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT5607
Description  600V Half-bridge driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT5607 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT5607 Datasheet HTML 1Page - Princeton Technology Corp PT5607 Datasheet HTML 2Page - Princeton Technology Corp PT5607 Datasheet HTML 3Page - Princeton Technology Corp PT5607 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT5607
600V Half-bridge driver IC
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧ http://www.princeton.com.tw‧2F, No.233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
The PT5607 is a high speed high voltage (600V) driver
to control power devices like MOS-transistors or
IGBTs in half bridge systems with dependent high and
low side referenced output channels. The logic input is
compatible with standard CMOS or LSTTL output,
down to 3.3V logic. The device includes an under-
voltage detection unit with hysteresis characteristic
and prevents power devices against large amount of
conduction loss, when voltage margin of gate is not
high enough. The output drivers feature a high pulse
current buffer stage designed for minimum driver
cross-conduction. The floating channel can be used to
drive an N-channel power MOSFET or IGBT, in the
high side configuration which operates up to 600 volts.
It is pin and input polarity compatible to IR2101.
APPLICATIONS
Appliance motor drives - air conditioners,
washing machines, refrigerator, dish washer,
Fans
General purpose inverters
Electric bike, Electric tools
Lighting, switching power supply
FEATURES
Drives two IGBT/MOSFET power devices
high side channel fully operate up to +600V
Gate drive supplies from 10V to 20 V per
channel
Under-voltage lockout
Advanced input filter
Built-in dead-time protection: 0.5us
IO+/-: 290/620mA, large sourcing current to
bypass miller effect
Shoot-through (cross-conduction) protection
3.3V/5V/15V input logic compatible
Matched propagation delays for all channels
Matched dead time
High side output in phase with HIN input
Low side output in phase with LIN input
Tolerant to negative transient voltage, immunity
of dv/dt up to 50V/ns
Low di/dt gate drive for better noised immunity
-40°C to 125°C operating range
SOP8L package available
Lead-free
8-Lead SOIC
BLOCK DIAGRAM
Input
Filter
Input
Filter
Dead Time
and
Shoot-
through
Protection
Pulse
Gen
HV
Level
Shifter
Delay
Driver
R
S
Q
UVLO
UVLO
Driver
Floating Highside Control
HIN
LIN
COM
VCC
VB
HO
VS
LO


Similar Part No. - PT5607

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT5606 PTC-PT5606 Datasheet
537Kb / 4P
600V Half-bridge driver IC
More results

Similar Description - PT5607

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2114SSPBF IRF-IR2114SSPBF Datasheet
666Kb / 33P
HALF-BRIDGE GATE DRIVER IC
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
Half-bridge driver IC
Rev. 1.1-6 December 2011
logo
International Rectifier
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
logo
NXP Semiconductors
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
logo
Princeton Technology Co...
PT5606 PTC-PT5606 Datasheet
537Kb / 4P
600V Half-bridge driver IC
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com