Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT975BHC Datasheet(PDF) 34 Page - Intel Corporation

Part # LXT975BHC
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975BHC Datasheet(HTML) 34 Page - Intel Corporation

Back Button LXT975BHC Datasheet HTML 30Page - Intel Corporation LXT975BHC Datasheet HTML 31Page - Intel Corporation LXT975BHC Datasheet HTML 32Page - Intel Corporation LXT975BHC Datasheet HTML 33Page - Intel Corporation LXT975BHC Datasheet HTML 34Page - Intel Corporation LXT975BHC Datasheet HTML 35Page - Intel Corporation LXT975BHC Datasheet HTML 36Page - Intel Corporation LXT975BHC Datasheet HTML 37Page - Intel Corporation LXT975BHC Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
34
Datasheet
2.5.4.2
Data Errors
Figure 16 shows normal reception. When the LXT974/975 receives invalid symbols from the line,
it asserts RX_ER, as shown in Figure 17.
2.5.4.3
Collision Indication
Figure 18 shows normal transmission. The LXT974/975 detects a collision if transmit and receive
are active at the same time. As shown in Figure 19, upon detection of a collision, the COL output
is asserted and remains asserted for the duration of the collision.
Figure 16. 100BASE-TX Reception with No Errors
Figure 17. 100BASE-TX Reception with Invalid Symbol
Figure 18. 100BASE-TX Transmission with No Errors
Figure 19. 100BASE-TX Transmission with Collision
RX_CLK
RX_DV
RXD<3:0>
RX_ER
SFD
SFD
DA
DA
DA
DA
CRC
CRC
CRC
CRC
preamble
RX_CLK
RX_DV
RXD<3:0>
RX_ER
SFD
SFD
DA
DA
DA
XX
XX
XX
XX
XX
XX
XX
XX
XX
preamble
TX_CLK
TX_EN
TXD<3:0>
CRS
COL
PR
E
A
M
B
L
E
DA
DA DA
DA
DA
DA
DA
DA
DA
TX_CLK
TX_EN
TXD<3:0>
CRS
COL
PR
EA
M
B
L
E
JAM
JAM
JAM
JAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com