Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT975BHC Datasheet(PDF) 39 Page - Intel Corporation

Part # LXT975BHC
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975BHC Datasheet(HTML) 39 Page - Intel Corporation

Back Button LXT975BHC Datasheet HTML 35Page - Intel Corporation LXT975BHC Datasheet HTML 36Page - Intel Corporation LXT975BHC Datasheet HTML 37Page - Intel Corporation LXT975BHC Datasheet HTML 38Page - Intel Corporation LXT975BHC Datasheet HTML 39Page - Intel Corporation LXT975BHC Datasheet HTML 40Page - Intel Corporation LXT975BHC Datasheet HTML 41Page - Intel Corporation LXT975BHC Datasheet HTML 42Page - Intel Corporation LXT975BHC Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
39
2.8
Operating Requirements
2.8.1
Power Requirements
The LXT974/975 requires four +5V supply inputs (VCC, VCCR, VCCT, and VCCH). These
inputs may be supplied from a single source although decoupling is required to each respective
ground. As a matter of good practice, these supplies should be as clean as possible. Typical
filtering and decoupling are shown in Figure 22 on page 46.
2.8.1.1
MII Power Requirements
An additional supply may be used for the MII (VCCMII). The supply may be either +5V or
+3.3V. When the MII supply is 3.3V, MII inputs may not be driven with 5V levels. VCCMII should
be supplied from the same power source used to supply the controller on the other side of the MII
interface. Refer to Table 25 on page 51 for MII I/O characteristics.
2.8.1.2
Low-Voltage Fault Detect
The LXT974/975 has a low-voltage fault detection function that prevents transmission of invalid
symbols when VCC goes below normal operating levels. This function disables the transmit
outputs when a low- voltage fault on VCC occurs. If this condition happens, bit 20.2 is set High.
Operation is automatically restored when VCC returns to normal. Table 27 on page 51 indicates
voltage levels used to detect and clear the low-voltage fault condition.
2.8.1.3
Power Down Mode
The LXT974/975 goes into Power Down Mode when PWRDWN is asserted. In this mode, all
functions are disabled except the MDIO. The power supply current is significantly reduced. This
mode can be used for energy-efficient applications or for redundant applications where there are
two devices and one is left as a standby. When the LXT974/975 is returned to normal operation,
configuration settings of the MDIO registers are maintained. Refer to Table 23 on page 50 for
power down specifications.
2.8.2
Clock Requirements
The LXT974/975 requires a constant 25 MHz clock (CLK25M) that must be enabled at all times.
Refer to Test Specifications, Table 26 on page 51, for clock timing requirements.
Table 20. LED-DAT Serial Port Bit Assignments
Port 0
Port 1
Port 2
Port 3
231
22
21
20
19
18
17
16
15
14
13
12
11 : 6
5
4
3
2
1
0
T
R
L
D
S
C
T
R
L
D
S
C
T R L D S C
T
R
L
D
S
C
1. Bit 23 is shifted out first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com