Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

824-C0160F Datasheet(PDF) 2 Page - E&E Magnetic Products Limited

Part # 824-C0160F
Description  SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

824-C0160F Datasheet(HTML) 2 Page - E&E Magnetic Products Limited

  824-C0160F Datasheet HTML 1Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 2Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 3Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 4Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 5Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 6Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 7Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 8Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Notes:
1. Operating temperature range: -40C to +85 C.
°°
2. "F" represents the test frequency specified in MHz.
824-00450R
1.0
18
1500
33
12-20Log(F/80)
No
33
LECTRICAL
SPECIFICATION
E
25C
o
@
Part
Number
PoE
1-100MHz
1-40MHz
1-100MHz
40-100MHz
1-100MHz
1
Insertion Loss
(dB Max)
Return Loss
(dB Min)
DM-CMRR
(dB Min)
(dB Min)
Crosstalk
(Vrms)
Hipot
824-00459F
1.0
16
37
No
1-100MHz
50MHz
60MHz
18
1-40MHz
12
60-80MHz
10
100MHz
43
30MHz
33
100MHz
1500
40
60MHz
45
30MHz
35
100MHz
824-00369R
1500
30
No
1-100MHz
LECTRICAL
SPECIFICATION
E
25C
o
@
Part
Number
Insertion Loss
(dB Max)
Return Loss
(dB Min)
CMRR
(dB Min)
(dB Min)
Crosstalk
(Vrms)
Hipot
PoE
1-65MHz
1.0
65-100MHz
1.1
100-125MHz
1.5
18
16
12
10
1-30MHz 40-50MHz 60-80MHz 100MHz
35
60MHz
40
1-40MHz
30
100MHz
SCHEMATICS
MD
ECHANICAL
IMENSIONS
824-00418R/ 824-00419R/ 824-00422F/ 824-C0053F/ 824-C0160F/ 824-C0328R/ 824-C0332R
.550 .010
13.97 0.25
±
±
.050 .005
1.27 0.13
±
±
.002
0.05
MIN
4-xxxxxx
(DATE)
.700
17.78 MAX
.610
15.49
MAX
.045 .010
1.14
25
±
±0.
Recommended
Pad Layout
.660
16.76
.550
13.97
.090
2.29
.050
1.27
.025
0.64
.235
5.97
MAX
REFERENCE OR
GAUGE PLANE
EE
E&E Magnetic Products Limited
1000BASE-T SINGLE PORT
MAGNETIC MODULE
Revised in 08/12
1/F., Harbour View 1, No.12 Science Park East Avenue, Phase II, Hong Kong Science Park, Shatin, N.T. Hong Kong
Tel: (852) 2954 3333
Fax: (852) 2954 3304
EH117(01)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com