Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

824-C0160F Datasheet(PDF) 3 Page - E&E Magnetic Products Limited

Part # 824-C0160F
Description  SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

824-C0160F Datasheet(HTML) 3 Page - E&E Magnetic Products Limited

  824-C0160F Datasheet HTML 1Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 2Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 3Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 4Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 5Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 6Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 7Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 8Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SCHEMATICS
MD
ECHANICAL
IMENSIONS
824-00411F/ 824-00427R/ 824-00444F/ 824-00450R
SCHEMATICS
MD
ECHANICAL
IMENSIONS
824-00451R
.016 .005
0.41 0.13
±
±
.542
13.77 MAX
.750
19.05 MAX
REFERENCE OR
GAUGE PLANE
.002
0.05
.250
6.35
MAX
MIN
.429 .010
10.90 0.25
±
±
.039 .010
0.99 0.25
±
±
.045 .010
1.14
±
±0.25
4-0xxxx
(Date)
.790
20.07
.429
10.90
.025
0.64
.039
0.99
.090
2.29
Recommended
Pad Layout
EE
REFERENCE OR
GAUGE PLANE
.002
0.05
.250
6.35
MAX
.035 .010
0.89
±
±0.25
MIN
4-0451R
(Date)
EE
.610
15.49 MAX
.542
13.77 MAX
.440 .010
11.18 0.25
±
±
.040 .010
1.02 0.25
±
±
.635
16.13
.440
11.18
.025
0.64
.040
1.02
.075
1.91
Recommended
Pad Layout
SCHEMATICS
MD
ECHANICAL
IMENSIONS
824-00369R
4-0369R
(Date)
REFERENCE OR
GAUGE PLANE
.429 .010
10.90 0.25
±
±
.039 .010
0.99 0.25
±
±
.004-.020
0.10-0.51
0-8°
.236
5.99
MAX
.016 .005
0.41 0.13
±
±
.590
14.99
MAX
.530
13.46
.429
10.90
.025
0.64
.039
0.99
.080
2.03
Recommended
Pad Layout
EE
.472
11.99 MAX
.025 .010
0.64
±
±0.25
E&E Magnetic Products Limited
1000BASE-T SINGLE PORT
MAGNETIC MODULE
Revised in 08/12
1/F., Harbour View 1, No.12 Science Park East Avenue, Phase II, Hong Kong Science Park, Shatin, N.T. Hong Kong
Tel: (852) 2954 3333
Fax: (852) 2954 3304
EH117(01)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com