Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

824-C0118F Datasheet(PDF) 3 Page - E&E Magnetic Products Limited

Part # 824-C0118F
Description  TRANSFORMER, 100BASE-T, SINGLE,SOIC, 16 PIN, EXT. TEMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

824-C0118F Datasheet(HTML) 3 Page - E&E Magnetic Products Limited

  824-C0118F Datasheet HTML 1Page - E&E Magnetic Products Limited 824-C0118F Datasheet HTML 2Page - E&E Magnetic Products Limited 824-C0118F Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
ELECTRICAL SPECIFICATION @25 C:
°
HIPOT (Primary):(Secondary)
Turns Ratio (1-3):(16-14)
Polarity
PARAMETERS
UNIT
LIMIT
1500 Min
1CT:1CT3
±%
Per Schematic
350 Min
1.1 Max
18 Min
15.5 Min
13.6 Min
12 Min
40 Typ
Vrms
-
-
uH
dB
dB
dB
dB
dB
dB
Inductance, Ls(1-3) @100kHz,0 1Vrms, 8mADC
.
Crosstalk @1-100MHz (between channels)
Insertion Loss @1-100MHz
Return Loss @1-30MHz
Return Loss @40MHz
Return Loss @50MHz
Return Loss @60-80MHz
SCHEMATIC
6
1
2
3
7
8
12
16
14
15
9
11
10
5
13
4
1CT:1CT
40 Typ
dB
CMRR @1-100MHz
1CT:1CT
Turns Ratio (6-8):(11-9)
1CT:1CT3
±%
-
350 Min
uH
Inductance, Ls(6-8) @100kHz,0 1Vrms, 8mADC
.
5
40
. Operating temperature: -
to +85
CC
°° .
DRAWING NO./MODEL
SCALE
PAGE
OF
824-C0118F
DO NOT SCALE
5
01
REV
E&E Magnetic Products Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com