Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

824-C0118F Datasheet(PDF) 1 Page - E&E Magnetic Products Limited

Part # 824-C0118F
Description  TRANSFORMER, 100BASE-T, SINGLE,SOIC, 16 PIN, EXT. TEMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

824-C0118F Datasheet(HTML) 1 Page - E&E Magnetic Products Limited

  824-C0118F Datasheet HTML 1Page - E&E Magnetic Products Limited 824-C0118F Datasheet HTML 2Page - E&E Magnetic Products Limited 824-C0118F Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TRANSFORMER, 100BASE-T, SINGLE,
SOIC, 16 PIN, EXT. TEMP.
TITLE
Q.A.
APPROVED BY
PROJ. ENG
DRAWN BY
APPROVALS
DATE
REVISIONS
FIRST RELEASE
DESCRIPTION
ECN NO.
DATE
N/A
04/03/14
01
REV.
1
UNLESS OTHERWISE
SPECIFIED, DIMENSIONS
ARE IN INCH/mm.
WARNING!
ALL SHEETS OF THIS DOCUMENT ARE
CONTROLLED DOCUMENTATION AND
ARE NOT TO BE RELEASED OUTSIDE
OF E&E OR ITS SUB-CONTRACTORS
WITHOUT AUTHORIZATION.
04/03/14
PART NUMBER
PART DESCRIPTION
824-C0118F
PAGE4& 5 ARE FOR INTERNAL ONLY
04/03/14
04/03/14
04/03/14
D. YUNG
D. LUO
Y.L. YUNG
Y.L. YUNG
TOLERANCE ARE:
INCH
.XXX
.XX
±.005
.02
±
mm
.XX
.X
±
±
.13
.5
ANGLE
X.X
X.
±
±
0.3
1
RoHS compliant per EU Directive 2011/65/EU
When ordering, please add suffixT to the part number for tape& reel packaging (330mm reel).
″″
DRAWING NO./MODEL
SCALE
PAGE
OF
824-C0118F
DO NOT SCALE
5
01
REV
E&E Magnetic Products Ltd.


Similar Part No. - 824-C0118F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
824-C0116-1F EEMAGNETIC-824-C0116-1F Datasheet
119Kb / 2P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
More results

Similar Description - 824-C0118F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
824-00300F EEMAGNETIC-824-00300F Datasheet
109Kb / 3P
TRANSFORMER, 100BASE-T, QUAD,SOIC, 40 PIN, EXT. TEMP.
824-00404F EEMAGNETIC-824-00404F Datasheet
106Kb / 3P
TRANSFORMER, 100BASE-T, QUAD,SOIC, 40 PIN, EXT. TEMP
824-00035 EEMAGNETIC-824-00035 Datasheet
70Kb / 3P
TRANSFORMER, 100BASE-T, SINGLE,SOIC, 16 PIN
824-00036 EEMAGNETIC-824-00036 Datasheet
133Kb / 3P
TRANSFORMER, 100BASE-T,SINGLE, SOIC, 16 PIN
824-00263 EEMAGNETIC-824-00263 Datasheet
73Kb / 3P
TRANSFORMER, 100BASE-T, SINGLE,SOIC, 16 PIN, EXT. TEMP
824-00286 EEMAGNETIC-824-00286 Datasheet
84Kb / 3P
TRANSFORMER, 100BASE-T(PoE),SINGLE, SOIC, 16 PIN
824-00293 EEMAGNETIC-824-00293 Datasheet
85Kb / 3P
TRANSFORMER, 100BASE-T(PoE),SINGLE, SOIC, 16 PIN, EXT. TEMP
824-00293-1F EEMAGNETIC-824-00293-1F Datasheet
80Kb / 3P
TRANSFORMER, 100BASE-T(PoE),SINGLE, SOIC, 16 PIN, EXT. TEMP.
824-00402F EEMAGNETIC-824-00402F Datasheet
76Kb / 3P
TRANSFORMER, 100BASE-T, SINGLE,SOIC, 16 PIN, EXT. TEMP.
824-00488F EEMAGNETIC-824-00488F Datasheet
81Kb / 3P
TRANSFORMER, 100BASE-T(PoE),SINGLE, SOIC, 16 PIN, EXT. TEMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com