Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

824-C0160F Datasheet(PDF) 5 Page - E&E Magnetic Products Limited

Part # 824-C0160F
Description  SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

824-C0160F Datasheet(HTML) 5 Page - E&E Magnetic Products Limited

  824-C0160F Datasheet HTML 1Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 2Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 3Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 4Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 5Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 6Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 7Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 8Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SCHEMATICS
SCHEMATICS
824-00369R/ 824-00411F/ 824-00444F/ 824-C0053F/ 824-C0160F
CHIP SIDE (Primary)
2
8
5
11
3
9
6
12
1
7
4
10
LINE SIDE (Secondary)
23
17
20
14
22
16
19
13
24
18
21
15
SCHEMATICS
SCHEMATICS
824-00387R/ 824-00418R/ 824-00419R/ 824-00451R/ 824-C0332R
SCHEMATICS
SCHEMATICS
824-00422F/ 824-00427R/ 824-00450R/ 824-C0328R
CHIP SIDE (Primary)
LINE SIDE (Secondary)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CHIP SIDE (Primary)
2
8
5
11
3
9
6
12
1
7
4
10
LINE SIDE (Secondary)
23
17
20
14
22
16
19
13
24
18
21
15
E&E Magnetic Products Limited
1000BASE-T SINGLE PORT
MAGNETIC MODULE
Revised in 08/12
1/F., Harbour View 1, No.12 Science Park East Avenue, Phase II, Hong Kong Science Park, Shatin, N.T. Hong Kong
Tel: (852) 2954 3333
Fax: (852) 2954 3304
EH117(01)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com