Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

824-C0160F Datasheet(PDF) 1 Page - E&E Magnetic Products Limited

Part # 824-C0160F
Description  SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

824-C0160F Datasheet(HTML) 1 Page - E&E Magnetic Products Limited

  824-C0160F Datasheet HTML 1Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 2Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 3Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 4Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 5Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 6Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 7Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 8Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LECTRICAL
SPECIFICATION
E
25C
o
@
Part
Number
Insertion Loss
824-00418R
(dB Max)
0.1-100MHz
1.1
Return Loss
(dB Min)
30MHz
18
CMRR
(dB Min)
(dB Min)
Crosstalk
(Vrms)
Hipot
1500
-
30MHz
43
100-125MHz
2.0
60MHz
12
80MHz
12
100MHz
10
60MHz 100MHz
824-00422F
1.0
18
1500
35
45
14.5
13.1
12
40
33
0.1-100MHz
1-30MHz
0.1-100MHz
30MHz
40MHz
50MHz
60-80MHz
60MHz 100MHz
33
37
SCHEMATICS
Compliant with IEEE802.3 standard including 350uH OCL
Operating temperature 0
to +70
°°
CC
RoHS compliant
PoE
Yes
824-C0160F
1.0
18
1500
35
45
14.5
13.1
12
40
35
No
No
1
824-00419R
0.1-100MHz
1.1
1500
0.1-100MHz
30
100-125MHz
1.5
0.5-40MHz
18
40-100MHz
12-20Log(F/80)
No
0.1-100MHz
33-20Log(F/100)
824-00427R
1.0
18
1500
33
16
10
33
1-100MHz
1-40MHz
1-100MHz
50MHz
60-80MHz 100MHz
1-100MHz
No
824-00444F
0.1-100MHz
1.0
1-40MHz
18
1500
1-100MHz
33
40-100MHz
12-20Log(F/80)
No
1-100MHz
35
824-00451R
1.0
18
1500
30
16.1
14.5
10.1
30
0.1-100MHz
1-40MHz
1-100MHz
50MHz 60MHz
100MHz
1-100MHz
No
12
12
80MHz
824-C0328R
1.0
18
1500
33
16
14.5
10
33
No
12
1
824-C0332R
18
1500
30
16
14.5
10
33
1-40MHz
1-100MHz
50MHz 60MHz
100MHz
1-100MHz
No
12
80MHz
1
0.1-100MHz
1.0
100-125MHz
1.5
824-00387R
1.0
18
1500
33
16
12
10
33
0.1-100MHz
1-30MHz
0.1-100MHz
40-50MHz 60-80MHz 100MHz
0.1-100MHz
No
1
824-00401F
1.0
18
1500
42
15
12
10
35
No
0.3-100MHz
0.5-40MHz
0.3-32MHz
40-60MHz
60-80MHz
80-100MHz
0.3-100MHz
LECTRICAL
SPECIFICATION
E
25C
o
@
Part
Number
Insertion Loss
(dB Max)
Return Loss
(dB Min)
CMRR
(dB Min)
(dB Min)
Crosstalk
(Vrms)
Hipot
PoE
33
32-100MHz
824-00411F
1-100MHz
1.0
1-40MHz
18
1500
1-100MHz
30
40-100MHz
12-20Log(F/80)
No
1
1-100MHz
33
LECTRICAL
SPECIFICATION
E
25C
o
@
Part
Number
Insertion Loss
(dB Max)
Return Loss
(dB Min)
CMRR
(dB Min)
(dB Typ)
Crosstalk
(Vrms)
Hipot
PoE
824-C0053F
0.1-1MHz
1.1
0.5-40MHz
18
1500
0.1-100MHz
30
40-100MHz
12-20Log(F/80)
No
1-100MHz
35-20Log(F/100)
1-65MHz
0.5
65-100MHz
0.8
100-125MHz
1.2
-
E&E Magnetic Products Limited
1000BASE-T SINGLE PORT
MAGNETIC MODULE
Revised in 08/12
1/F., Harbour View 1, No.12 Science Park East Avenue, Phase II, Hong Kong Science Park, Shatin, N.T. Hong Kong
Tel: (852) 2954 3333
Fax: (852) 2954 3304
EH117(01)


Similar Part No. - 824-C0160F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
824-C0160F EEMAGNETIC-824-C0160F Datasheet
633Kb / 8P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
824-C0160F EEMAGNETIC-824-C0160F Datasheet
633Kb / 8P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
824-C0160F1 EEMAGNETIC-824-C0160F1 Datasheet
633Kb / 8P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
More results

Similar Description - 824-C0160F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
824-00396F EEMAGNETIC-824-00396F Datasheet
802Kb / 5P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-00412R EEMAGNETIC-824-00412R Datasheet
581Kb / 5P
CSCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-C0313F EEMAGNETIC-824-C0313F Datasheet
119Kb / 2P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-00431F EEMAGNETIC-824-00431F Datasheet
581Kb / 5P
CSCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-00369R EEMAGNETIC-824-00369R Datasheet
633Kb / 8P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
824-00427R EEMAGNETIC-824-00427R Datasheet
633Kb / 8P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
824-00428F EEMAGNETIC-824-00428F Datasheet
431Kb / 5P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-00443F EEMAGNETIC-824-00443F Datasheet
224Kb / 3P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-00418R EEMAGNETIC-824-00418R Datasheet
633Kb / 8P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
824-00439F EEMAGNETIC-824-00439F Datasheet
224Kb / 3P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com