Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004GD Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SA56004GD
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004GD Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SA56004GD Datasheet HTML 14Page - NXP Semiconductors SA56004GD Datasheet HTML 15Page - NXP Semiconductors SA56004GD Datasheet HTML 16Page - NXP Semiconductors SA56004GD Datasheet HTML 17Page - NXP Semiconductors SA56004GD Datasheet HTML 18Page - NXP Semiconductors SA56004GD Datasheet HTML 19Page - NXP Semiconductors SA56004GD Datasheet HTML 20Page - NXP Semiconductors SA56004GD Datasheet HTML 21Page - NXP Semiconductors SA56004GD Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
18
SL02016
WRITE BYTE FORMAT (To write a data byte to the device register) :
12
345
67
89
12
345
67
89
SCLK
(TO NEXT)
SDATA
a6
a5
a4
a3
a2
a1
(TO NEXT)
SW
A
A
(CONT)
(CONT)
DEVICE ADDRESS
DEVICE REGISTER COMMAND
a0
D7
D6
D5
D4
D3
D2
D1
D0
12
345
67
89
SCLK
SDATA
D7
D6
D5
D4
D3
D2
P
A
DATA TO BE WRITTEN TO RGTR
D1
D0
READ BYTE FORMAT (To read a data byte from the device register) :
12
345
67
89
12
345
67
89
SCLK
(TO NEXT)
SDATA
a6
a5
a4
a3
a2
a1
(TO NEXT)
SW
A
A
(CONT)
(CONT)
DEVICE ADDRESS
DEVICE REGISTER COMMAND
a0
D7
D6
D5
D4
D3
D2
D1
D0
12
345
67
89
SCLK
SDATA
a6
a5
a4
a3
a2
a1
A
DEVICE ADDRESS
a0
P
12
345
67
89
STOP
RESTART
S
R
NA
DATA FROM DEVICE REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
P
STOP
RECEIVE BYTE FORMAT (To read a data byte from already pointed register) :
(CONT)
(CONT)
12
345
67
89
SCLK
SDATA
a6
a5
a4
a3
a2
a1
A
DEVICE ADDRESS
a0
12
345
67
89
RESTART
S
R
NA
DATA FROM DEVICE REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
P
SEND BYTE FORMAT:
12
345
67
89
12
345
67
89
SCLK
SDATA
a6
a5
a4
a3
a2
a1
SW
A
A
DEVICE ADDRESS
DEVICE REGISTER COMMAND
a0
D7
D6
D5
D4
D3
D2
D1
D0
P
STOP
Figure 17. SMBus interface protocols.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com