Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004GD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA56004GD
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004GD Datasheet(HTML) 3 Page - NXP Semiconductors

  SA56004GD Datasheet HTML 1Page - NXP Semiconductors SA56004GD Datasheet HTML 2Page - NXP Semiconductors SA56004GD Datasheet HTML 3Page - NXP Semiconductors SA56004GD Datasheet HTML 4Page - NXP Semiconductors SA56004GD Datasheet HTML 5Page - NXP Semiconductors SA56004GD Datasheet HTML 6Page - NXP Semiconductors SA56004GD Datasheet HTML 7Page - NXP Semiconductors SA56004GD Datasheet HTML 8Page - NXP Semiconductors SA56004GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
3
SIMPLIFIED SYSTEM DIAGRAM
SL02018
1
2
3
4
8
7
6
5
VDD
D+
D–
T_CRIT
SCLK
SDATA
ALERT
GND
SA56004X
R
10 k
Ω
R
10 k
Ω
R
10 k
Ω
SMBus
CONTROLLER
GND
CLOCK
DATA
INT
VDD
VDD
SHIELDED TWISTED PAIR
REMOTE
SENSOR
FAN CONTROL
CIRCUIT
+5 V
100 nF
2.2 nF
(Note 1)
R
10 k
Ω
VDD
2N3904 (NPN), 2N3906 (PNP),
or similar standalone, ASIC, or
mircroprocessor thermal diode
NOTE:
1. Typical value; placed close to temperature sensor.
Figure 1. Simplified system diagram.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
VERSION
TEMPERATURE
TYPE NUMBER
NAME
DESCRIPTION
VERSION
RANGE
SA56004XD
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
0
°C to +125 °C
SA56004XDP
TSSOP8
plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
0
°C to +125 °C
NOTE:
There are 8 device slave address options (indicated by ‘X’ in the Type Number, and described in Table 1).
Table 1. Device slave address options
Part number
Marking code
Device slave address1
Part number
Marking code
Device slave address1
SA56004AD
SA56004ADP
56004A
6004A
1001000
SA56004ED2
SA56004EDP2
56004E
6004E
1001100
SA56004BD
SA56004BDP
56004B
6004B
1001001
SA56004FD
SA56004FDP
56004F
6004F
1001101
SA56004CD
SA56004CDP
56004C
6004C
1001010
SA56004GD
SA56004GDP
56004G
6004G
1001110
SA56004DD
SA56004DDP
56004D
6004D
1001011
SA56004HD
SA56004HDP
56004H
6004H
1001111
NOTES:
1. The device slave address is factory-programmed in OTP device address register.
2. The SA56004ED/EDP has the bus address of the National LM86, MAX6657/8 and the ADM1032.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com