Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA8621 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # MA8621
Description  USB 2.0 High Speed 3-Port Hub with SD Reader Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

MA8621 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  MA8621 Datasheet HTML 1Page - Prolific Technology Inc. MA8621 Datasheet HTML 2Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MA8621 Product Brochure
V0.1 15/11/2016
1
1
MA8621
USB 2.0 High Speed 3-Port Hub with SD Reader Controller
The MA8621 is a high performance solution for USB 2.0 High Speed 3-port hub with SD card
controller which is fully compliant with Universal Serial Bus Specification 2.0. The controller
inherits advanced serial interface technology to consume the least power when 3 DS (downstream)
ports function simultaneously.
The MA8621 is an innovation that integrates function to combine USB 2.0 Hub and SD card reader.
The reader complies with SD, SDHC, SDXC and MMC card specification. With single IC, MA8621
provides system solution targeting the multi-media set top box for multiple USB ports and reader
application.
MA8621 adapt Single Transaction Translator (STT) and Ganged power management to achieve cost
effective purpose. Users can also implement multiple Hub configuration options through external
EEPROM.
Features
USB 2.0 Hub
Compliant with USB Specification Revision 2.0
o Upstream Port supports high-speed (480MHz) and full-speed (12MHz) traffic
o Configurable 3/2 downstream ports support high-speed, full-speed, and low-speed
o Backward compatible to USB Specification Revision 1.1
12Mhz Oscillator clock input
Integrated upstream 1.5KΩ pull-up downstream 15KΩ pull-down resisters
Single Transaction Translator (Single TT)
Ganged Power Control and Global Over Current detection for downstream ports
Leading small power consumption USB2.0 Hub
Integrated Fast 8051 microprocessor
On chip 5V to 3.3V/1.2V regulator
Automatic re-enumeration for switching between self-powered and bus-powered modes
External EEPROM interface for customized information storage
o Customized VID, PID


Similar Part No. - MA8621

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA862 PANASONIC-MA862 Datasheet
49Kb / 3P
Silicon epitaxial planar type
logo
Prolific Technology Inc...
MA8627 PROLIFIC-MA8627 Datasheet
259Kb / 2P
USB 2.0 High Speed 3-Port Hub with SD Reader Controller
More results

Similar Description - MA8621

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2514 SMSC-USB2514 Datasheet
2Mb / 46P
USB 2.0 High-Speed 4-Port Hub Controller
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
logo
Microchip Technology
USB2533 MICROCHIP-USB2533 Datasheet
537Kb / 50P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB3613 MICROCHIP-USB3613 Datasheet
520Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB3813 MICROCHIP-USB3813 Datasheet
522Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
logo
List of Unclassifed Man...
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Prolific Technology Inc...
MA8627 PROLIFIC-MA8627 Datasheet
259Kb / 2P
USB 2.0 High Speed 3-Port Hub with SD Reader Controller
MA8601 PROLIFIC-MA8601 Datasheet
200Kb / 2P
USB 2.0 High Speed 4-port hub controller
MA8608 PROLIFIC-MA8608 Datasheet
270Kb / 2P
USB 2.0 High Speed 4-port hub controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com