Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST230S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ST230S
Description  Phase Control Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ST230S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ST230S Datasheet HTML 1Page - Inchange Semiconductor Company Limited ST230S Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
ST230S
Phase Control Thyristors
FEATURES
·
Center amplifying gate
·
Hermetic metal case with ceramic insulator
(Also available with glass-metal seal up to 1200 V)
·
International standard case TO-209AB (TO-93)
·
Compression Bonded Encapsulation for heavy duty
operations such as severe thermal cycling
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
DC motor controls
·
Controlled DC power supplies
·
AC controllers
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
ST230S
UNIT
04
08
12
14
16
VRRM
Repetitive Peak Reverse Voltage
400
800
1200
1400
1600
V
VRSM
Non-Repetitive Peak Reverse Voltage
500
900
1300
1500
1700
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
IT(AV)
Average Forward Current
TC=85℃,180° conduction, half sine
wave
230
A
IT(RMS)
Maximum RMS on-state current
DC at 76℃ case temperature
360
A
ITSM
Max. peak, one-cycle forward,
non-repetitive surge current
t = 10ms
No voltage
reapplied
5700
A
t = 8.3ms
5970
t = 10ms
100% VRRM
reapplied
4800
t = 8.3ms
5000
TJ
Junction Temperature
-40~125
℃
Tstg
Storage Temperature Range
-40~150
℃


Similar Part No. - ST230S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST230S IRF-ST230S Datasheet
289Kb / 10P
PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
ST230S VISHAY-ST230S Datasheet
187Kb / 8P
Phase Control Thyristors (Stud Version), 230 A
05-Mar-12
More results

Similar Description - ST230S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
PHASE CONTROL THYRISTORS
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
Phase Control Thyristors
logo
Nell Semiconductor Co.,...
395PTAO NELLSEMI-395PTAO Datasheet
834Kb / 3P
PHASE CONTROL THYRISTORS
700PTBO NELLSEMI-700PTBO Datasheet
687Kb / 2P
PHASE CONTROL THYRISTORS
910PTCO NELLSEMI-910PTCO Datasheet
126Kb / 2P
Phase Control Thyristors
1150PTCO NELLSEMI-1150PTCO Datasheet
2Mb / 2P
PHASE CONTROL THYRISTORS
1200PTDO NELLSEMI-1200PTDO Datasheet
737Kb / 2P
PHASE CONTROL THYRISTORS
2180PTEO NELLSEMI-2180PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
2550PTEO NELLSEMI-2550PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com